Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-GHC-R2S2-2T Datasheet(PDF) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 15-21-GHC-R2S2-2T
Description  1206 Package Chip LED (1.0mm Height)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

15-21-GHC-R2S2-2T Datasheet(HTML) 10 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 15-21-GHC-R2S2-2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
15-21/GHC-R2S2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
1
Page: 10 of 10
Device No:DSE-0003945
Prepared date: 22-July-2010
Prepared by:Yang yuanyuan
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com