Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-A6000MZ Datasheet(PDF) 19 Page - Sanken electric

Part # STR-A6000MZ
Description  Off-Line PWM Controllers with Integrated Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6000MZ Datasheet(HTML) 19 Page - Sanken electric

Back Button STR-A6000MZ Datasheet HTML 15Page - Sanken electric STR-A6000MZ Datasheet HTML 16Page - Sanken electric STR-A6000MZ Datasheet HTML 17Page - Sanken electric STR-A6000MZ Datasheet HTML 18Page - Sanken electric STR-A6000MZ Datasheet HTML 19Page - Sanken electric STR-A6000MZ Datasheet HTML 20Page - Sanken electric STR-A6000MZ Datasheet HTML 21Page - Sanken electric STR-A6000MZ Datasheet HTML 22Page - Sanken electric STR-A6000MZ Datasheet HTML 23Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STR-A6000MZ/HZ Series
STR-A6000MZ/HZ - DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
19
Mar.13, 2015
For alleviating C2 peak charging, it is effective to add
some value R2, of several tenths of ohms to several
ohms, in series with D2 (see Figure 10-1). The optimal
value of R2 should be determined using a transformer
matching what will be used in the actual application,
because the variation of the auxiliary winding voltage
is affected by the transformer structural design.
Without R2
With R2
VCC pin voltage
Output current, IOUT
Figure 10-2 Variation of VCC pin voltage and power
 Snubber Circuit
If the surge voltage of VDS is large, the circuit should
be added as follows (see Figure 10-1);
・ A clamp snubber circuit of a capacitor-resistor-
diode (CRD) combination should be added on the
primary winding P.
・ A damper snubber circuit of a capacitor (C) or a
resistor-capacitor (RC) combination should be
added between the D/ST pin and the S/GND pin.
When the damper snubber circuit is added, this
components should be connected near the D/ST pin
and the S/OCP pin.
 Phase Compensation
A typical phase compensation circuit with a secondary
shunt regulator (U51) is shown in Figure 10-3.
C52 and R53 are for phase compensation. The value of
C52 and R53 are recommended to be around 0.047μF to
0.47μF and 4.7 kΩ to 470 kΩ, respectively. They
should be selected based on actual operation in the
application.
D51
C51
R51
R52
U51
R54
R56
C52
S
PC1
R53
R55
L51
C53
VOUT
(-)
T1
(+)
Figure 10-3 Peripheral circuit around secondary shunt
regulator (U51)
 Transformer
Apply proper design margin to core temperature rise
by core loss and copper loss.
Because the switching currents contain high frequency
currents, the skin effect may become a consideration.
Choose a suitable wire gauge in consideration of the
RMS current and a current density of 4 to 6 A/mm
2.
If measures to further reduce temperature are still
necessary, the following should be considered to
increase the total surface area of the wiring:
▫ Increase the number of wires in parallel.
▫ Use litz wires.
▫ Thicken the wire gauge.
In the following cases, the surge of VCC pin voltage
becomes high.
▫ The surge voltage of primary main winding, P, is
high (low output voltage and high output current
power supply designs)
▫ The winding structure of auxiliary winding, D, is
susceptible to the noise of winding P.
When the surge voltage of winding D is high, the
VCC pin voltage increases and the Overvoltage
Protection (OVP) may be activated. In transformer
design, the following should be considered;
▫ The coupling of the winding P and the secondary
output winding S should be maximized to reduce the
leakage inductance.
▫ The coupling of the winding D and the winding S
should be maximized.
▫ The coupling of the winding D and the winding P
should be minimized.
In the case of multi-output power supply, the
coupling of the secondary-side stabilized output
winding, S1, and the others (S2, S3…) should be
maximized to improve the line-regulation of those
outputs.
Figure 10-4 shows the winding structural examples
of two outputs.
Winding structural example (a):
S1 is sandwiched between P1 and P2 to maximize
the coupling of them for surge reduction of P1
and P2.
D is placed far from P1 and P2 to minimize the
coupling to the primary for the surge reduction of
D.
Winding structural example (b)
P1 and P2 are placed close to S1 to maximize the
coupling of S1 for surge reduction of P1 and P2.
D and S2 are sandwiched by S1 to maximize the
coupling of D and S1, and that of S1 and S2. This
structure reduces the surge of D, and improves
the line-regulation of outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com