Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-A6000MZ Datasheet(PDF) 20 Page - Sanken electric

Part # STR-A6000MZ
Description  Off-Line PWM Controllers with Integrated Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6000MZ Datasheet(HTML) 20 Page - Sanken electric

Back Button STR-A6000MZ Datasheet HTML 16Page - Sanken electric STR-A6000MZ Datasheet HTML 17Page - Sanken electric STR-A6000MZ Datasheet HTML 18Page - Sanken electric STR-A6000MZ Datasheet HTML 19Page - Sanken electric STR-A6000MZ Datasheet HTML 20Page - Sanken electric STR-A6000MZ Datasheet HTML 21Page - Sanken electric STR-A6000MZ Datasheet HTML 22Page - Sanken electric STR-A6000MZ Datasheet HTML 23Page - Sanken electric STR-A6000MZ Datasheet HTML 24Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
STR-A6000MZ/HZ Series
STR-A6000MZ/HZ - DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
20
Mar.13, 2015
Margin tape
Margin tape
Margin tape
Margin tape
P1 S1 P2 S2 D
P1 S1
D S2 S1 P2
Winding structural example (a)
Winding structural example (b)
Figure 10-4 Winding structural examples
10.2 PCB Trace Layout and Component
Placement
Since the PCB circuit trace design and the component
layout significantly affects operation, EMI noise, and
power dissipation, the high frequency PCB trace should be
low impedance with small loop and wide trace.
In addition, the ground traces affect radiated EMI noise,
and wide, short traces should be taken into account.
Figure 10-5 shows the circuit design example.
(1) Main Circuit Trace Layout
This is the main trace containing switching currents,
and thus it should be as wide trace and small loop as
possible.
If C1 and the IC are distant from each other, placing
a capacitor such as film capacitor (about 0.1 μF and
with proper voltage rating) close to the transformer or
the IC is recommended to reduce impedance of the
high frequency current loop.
(2) Control Ground Trace Layout
Since the operation of the IC may be affected from
the large current of the main trace that flows in
control ground trace, the control ground trace should
be separated from main trace and connected at a
single point grounding of the point A in
Figure 10-5
as close to the ROCP pin as possible.
(3) VCC Trace Layout:
This is the trace for supplying power to the IC, and
thus it should be as small loop as possible. If C2 and
the IC are distant from each other, placing a capacitor
such as film capacitor Cf (about 0.1 μF to 1.0 μF)
close to the VCC pin and the GND pin is
recommended.
(4) ROCP Trace Layout
ROCP should be placed as close as possible to the
S/OCP pin. The connection between the power
ground of the main trace and the IC ground should be
at a single point ground (point A in
Figure 10-5)
which is close to the base of ROCP.
(5) Peripheral components of the IC
The components for control connected to the IC
should be placed as close as possible to the IC, and
should be connected as short as possible to the each
pin.
(6) Secondary Rectifier Smoothing Circuit Trace Layout:
This is the trace of the rectifier smoothing loop,
carrying the switching current, and thus it should be
as wide trace and small loop as possible. If this trace
is thin and long, inductance resulting from the loop
may increase surge voltage at turning off a power
MOSFET. Proper rectifier smoothing trace layout
helps to increase margin against the power MOSFET
breakdown voltage, and reduces stress on the clamp
snubber circuit and losses in it.
(7) Thermal Considerations
Because the power MOSFET has a positive thermal
coefficient of RDS(ON), consider it in thermal design.
Since the copper area under the IC and the D/ST pin
trace act as a heatsink, its traces should be as wide as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com