| Electronic Components Datasheet Search |
|
PCF84C22AP Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF84C22AP Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 16 page ![]() 1996 Nov 20 6 Philips Semiconductors Product specification 8-bit microcontrollers PCF84C12A; PCF84C22A; PCF84C42A 7 ROM MASK OPTIONS 8 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take normal precautions appropriate to handling MOS devices. See “Data Handbook IC14, Section: Handling MOS devices”. 9 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). ROM CODE OPTION Program/data Any mix of instructions and data up to ROM size of 1 kbyte for the PCF84C12A, 2 kbytes for the PCF84C22A and 4 kbytes for the PCF84C42A. Port Output P0.0 to P0.7 standard open-drain push-pull P1.0 to P1.4 standard open-drain push-pull Port State after reset P0.0 to P0.7 set reset − P1.0 to P1.4 set reset − Oscillator Transconductance LOW (gmL) MEDIUM (gmM) HIGH (gmH) SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +7 V VI all input voltages −0.5 VDD + 0.5 V II DC input current −10 +10 mA IO DC output current except Port 1 output LOW −10 +10 mA Ptot total power dissipation − 125 mW PO power dissipation per output − 30 mW IDD supply current −50 +50 mA ISS ground supply current −100 +50 mA Tstg storage temperature range −55 +150 °C Tj operating junction temperature − 90 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |