Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF84C22AP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF84C22AP
Description  8-bit microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C22AP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF84C22AP Datasheet HTML 3Page - NXP Semiconductors PCF84C22AP Datasheet HTML 4Page - NXP Semiconductors PCF84C22AP Datasheet HTML 5Page - NXP Semiconductors PCF84C22AP Datasheet HTML 6Page - NXP Semiconductors PCF84C22AP Datasheet HTML 7Page - NXP Semiconductors PCF84C22AP Datasheet HTML 8Page - NXP Semiconductors PCF84C22AP Datasheet HTML 9Page - NXP Semiconductors PCF84C22AP Datasheet HTML 10Page - NXP Semiconductors PCF84C22AP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Nov 20
7
Philips Semiconductors
Product specification
8-bit microcontrollers
PCF84C12A; PCF84C22A;
PCF84C42A
10 DC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; all voltages with respect to VSS; unless otherwise specified.
Notes
1. VIL =VSS; VIH =VDD; open drain outputs connected to VSS; all other outputs, including XTAL2, open (typical values
at 25
°C with crystal connected between XTAL1 and XTAL2).
2. VIL =VSS; VIH =VDD; RESET and T1 at VSS; INT/T0 at VDD; crystal connected between XTAL1 and XTAL2; open
drain outputs connected to VSS; all other outputs open.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
operating supply voltage
see Fig.3
2.5
5.5
V
IDD
operating supply current
note 1; see Figs 4 and 5
VDD = 3 V; fxtal = 3.58 MHz (gmL)
0.3
0.6
mA
VDD = 5 V; fxtal = 10 MHz (gmL)
1.1
3.0
mA
VDD = 5 V; fxtal = 16 MHz (gmM)
1.7
5.0
mA
VDD = 5 V; fxtal = 16 MHz (gmH)
2.5
6.0
mA
IDD(idle)
supply current (Idle mode)
note 1; see Figs 6 and 7
VDD = 3 V; fxtal = 3.58 MHz (gmL)
0.2
0.4
mA
VDD = 5 V; fxtal = 10 MHz (gmL)
0.8
1.6
mA
VDD = 5 V; fxtal = 16 MHz (gmM)
1.2
4.0
mA
VDD = 5 V; fxtal = 16 MHz (gmH)
1.7
5.0
mA
IDD(stp)
supply current (Stop mode)
VDD = 2.5 V; notes 1 and 2; see Fig.8
1.2
10
µA
Inputs
VIL
LOW level input voltage
0
0.3VDD V
VIH
HIGH level input voltage
0.7VDD
VDD
V
ILI
input leakage
VSS ≤ VI ≤ VDD
−1
+1
µA
Outputs
IOL
LOW level output sink current
VDD =5V; VO = 0.4 V; see Fig.9
1.6
12
mA
IOH
HIGH level pull-up output
source current
VDD = 5 V; VO = 3.5 V; see Fig.10
40
100
−µA
VDD = 5 V; VO = 0 V; see Fig.10
−−140 −400
µA
IOH1
HIGH level push-pull output
source current
VDD = 5 V; VO = 4.6 V; see Fig.11
−1.6
−7
mA
Oscillator (see Fig.12)
gmL
LOW transconductance
VDD = 5 V
0.2
0.4
1.0
mS
gmM
MEDIUM transconductance
VDD = 5 V
0.9
1.6
3.2
mS
gmH
HIGH transconductance
VDD = 5 V
3.0
4.5
9.0
mS
RF
feedback resistor
0.3
1.0
3.0
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com