Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV652D Datasheet(PDF) 10 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 10 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 6Page - SPANSION AM29LV652D Datasheet HTML 7Page - SPANSION AM29LV652D Datasheet HTML 8Page - SPANSION AM29LV652D Datasheet HTML 9Page - SPANSION AM29LV652D Datasheet HTML 10Page - SPANSION AM29LV652D Datasheet HTML 11Page - SPANSION AM29LV652D Datasheet HTML 12Page - SPANSION AM29LV652D Datasheet HTML 13Page - SPANSION AM29LV652D Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
8
Am29LV652D
October 29, 2004
PRELI M INARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV652D
U
90R
MA
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
F
=
Industrial (-40oC to +85oC) with Pb-free Package
K
=
Extended (-55oC to +125oC) with Pb-free Package
PACKAGE TYPE
MA
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FSA063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV652D
128 Megabit (2 x 8 M x 8-Bit) CMOS Uniform Sector Flash Memory with VersatileIO
™ Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for FBGA Packages
Speed/
VIO Range
Order Number
Package
Marking
Am29LV652DU90R
MAF,
MAI
L652DU90R
F,
I
90 ns, VIO =
3.0 V – 5.0 V
Am29LV652DU12R
MAI,
MAE
MAF,
MAK
L652DU12R
I,
E,
F,
K
120 ns, VIO =
3.0 V – 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com