Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV652D Datasheet(PDF) 22 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 22 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 18Page - SPANSION AM29LV652D Datasheet HTML 19Page - SPANSION AM29LV652D Datasheet HTML 20Page - SPANSION AM29LV652D Datasheet HTML 21Page - SPANSION AM29LV652D Datasheet HTML 22Page - SPANSION AM29LV652D Datasheet HTML 23Page - SPANSION AM29LV652D Datasheet HTML 24Page - SPANSION AM29LV652D Datasheet HTML 25Page - SPANSION AM29LV652D Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
20
Am29LV652D
October 29, 2004
PRELI M INARY
Sector Group Protection and
Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. In this device, a sector group consists of four
adjacent sectors that are protected or unprotected at
the same time (see Table 5). The hardware sector
group unprotection feature re-enables both program
and erase operations in previously protected sector
groups. Sector group protection/unprotection can be
implemented via two methods.
The primary method requires VID on RESET# only,
and can be implemented either in-system or via pro-
gramming equipment. Figure 2, on page 22 shows the
algorithms and Figure 22, on page 47 shows the tim-
ing diagram. This method uses standard microproces-
sor bus cycle timing. For sector group unprotect, all
unprotected sector groups must first be protected prior
to the first sector group unprotect write cycle.
Some earlier 3.0 volt-only AMD flash devices used a
sector protection/unprotection method intended only
for programming equipment, and required VID on ad-
dress A9 and OE#. If this earlier method is required for
the intended application, contact AMD for further de-
tails.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and
protecting sector groups at its factory prior to shipping
the device through AMD’s ExpressFlash™ Service.
Contact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See the “Autoselect Mode”
on page 19 section for details.
Table 5. Sector Group Protection/Unprotection
Address Table
Note: All sector groups are 256 Kbytes in size.
Sector Group
A22–A18
SA0–SA3
00000
SA4–SA7
00001
SA8–SA11
00010
SA12–SA15
00011
SA16–SA19
00100
SA20–SA23
00101
SA24–SA27
00110
SA28–SA31
00111
SA32–SA35
01000
SA36–SA39
01001
SA40–SA43
01010
SA44–SA47
01011
SA48–SA51
01100
SA52–SA55
01101
SA56–SA59
01110
SA60–SA63
01111
SA64–SA67
10000
SA68–SA71
10001
SA72–SA75
10010
SA76–SA79
10011
SA80–SA83
10100
SA84–SA87
10101
SA88–SA91
10110
SA92–SA95
10111
SA96–SA99
11000
SA100–SA103
11001
SA104–SA107
11010
SA108–SA111
11011
SA112–SA115
11100
SA116–SA119
11101
SA120–SA123
11110
SA124–SA127
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com