Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186ED Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 25Page - Advanced Micro Devices AM186ED Datasheet HTML 26Page - Advanced Micro Devices AM186ED Datasheet HTML 27Page - Advanced Micro Devices AM186ED Datasheet HTML 28Page - Advanced Micro Devices AM186ED Datasheet HTML 29Page - Advanced Micro Devices AM186ED Datasheet HTML 30Page - Advanced Micro Devices AM186ED Datasheet HTML 31Page - Advanced Micro Devices AM186ED Datasheet HTML 32Page - Advanced Micro Devices AM186ED Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Am186ED/EDLV Microcontrollers
29
PRELI M INARY
D
RA
F T
Table 2.
Numeric PIO Pin Designations
Table 3.
Alphabetic PIO Pin Designations
Notes:
The following notes apply to both tables.
1. These pins are used by many emulators. (Emulators also use S2–S0, RES, NMI, CLKOUTA, BHE, ALE, AD15–
AD0, and A16–A0.)
2. These pins revert to normal operation if BHE/ADEN is held Low during power-on reset.
3. When used as a PIO, input with pullup option available.
4. When used as a PIO, input with pulldown option available.
PIO No
Associated Pin
Power-On Reset Status
0
TMRIN1
Input with pullup
1
TMROUT1
Input with pulldown
2PCS6/A2
Input with pullup
3PCS5/A1
Input with pullup
4
DT/R
Normal operation(3)
5DEN/DS
Normal operation(3)
6
SRDY
Normal operation(4)
7(1)
A17
Normal operation(3)
8(1)
A18
Normal operation(3)
9(1)
A19
Normal operation(3)
10
TMROUT0
Input with pulldown
11
TMRIN0
Input with pullup
12
DRQ0/INT5
Input with pullup
13
DRQ1/INT6
Input with pullup
14
MCS0
Input with pullup
15
MCS1/UCAS
Input with pullup
16
PCS0
Input with pullup
17
PCS1
Input with pullup
18
PCS2/CTS1/ENRX1
Input with pullup
19
PCS3/RTS1/RTR1
Input with pullup
20
RTS0/RTR0
Input with pullup
21
CTS0/ENRX0
Input with pullup
22
TXD0
Input with pullup
23
RXD0
Input with pullup
24
MCS2/LCAS
Input with pullup
25
MCS3/RAS1
Input with pullup
26(1,2)
UZI
Input with pullup
27
TXD1
Input with pullup
28
RXD1
Input with pullup
29(1,2)
S6/CLKDIV2
Input with pullup
30
INT4
Input with pullup
31
INT2/INTA0/PWD
Input with pullup
Associated Pin
PIO No
Power-On Reset Status
A17(1)
7
Normal operation(3)
A18(1)
8
Normal operation(3)
A19(1)
9
Normal operation(3)
CTS0/ENRX0
21
Input with pullup
DEN/DS
5
Normal operation(3)
DRQ0/INT5
12
Input with pullup
DRQ1/INT6
13
Input with pullup
DT/R
4
Normal operation(3)
INT2/INTA0/PWD
31
Input with pullup
INT4
30
Input with pullup
MCS0
14
Input with pullup
MCS1/UCAS
15
Input with pullup
MCS2/LCAS
24
Input with pullup
MCS3/RAS1
25
Input with pullup
PCS0
16
Input with pullup
PCS1
17
Input with pullup
PCS2/CTS1/ENRX1
18
Input with pullup
PCS3/RTS1/RTR1
19
Input with pullup
PCS5/A1
3
Input with pullup
PCS6/A2
2
Input with pullup
RTS0/RTR0
20
Input with pullup
RXD0
23
Input with pullup
RXD1
28
Input with pullup
S6/CLKDIV2(1,2)
29
Input with pullup
SRDY
6
Normal operation(4)
TMRIN0
11
Input with pullup
TMRIN1
0
Input with pullup
TMROUT0
10
Input with pulldown
TMROUT1
1
Input with pulldown
TXD0
22
Input with pullup
TXD1
27
Input with pullup
UZI(1,2)
26
Input with pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com