Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186ED Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 66Page - Advanced Micro Devices AM186ED Datasheet HTML 67Page - Advanced Micro Devices AM186ED Datasheet HTML 68Page - Advanced Micro Devices AM186ED Datasheet HTML 69Page - Advanced Micro Devices AM186ED Datasheet HTML 70Page - Advanced Micro Devices AM186ED Datasheet HTML 71Page - Advanced Micro Devices AM186ED Datasheet HTML 72Page - Advanced Micro Devices AM186ED Datasheet HTML 73Page - Advanced Micro Devices AM186ED Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
70
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
SWITCHING CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
DRAM
As guaranteed by design, the following table shows the minimum time for RAS assertion to RAS assertion. These
minimums correlate to DRAM spec tRC.
Parameter
Preliminary
Unit
20 MHz
25 MHz
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
Min
Max
Min
Max
General Timing Responses
101
tCHCAV
CLKOUTA Low to Column
Address Valid
0250
20015012
ns
102
tCLRA
CLKOUTA Low to RAS Active
3253
20315312
ns
103
tCHRX
CLKOUTA High to RAS Inactive
3253
20315312
ns
104
tCHCA
CLKOUTA High to CAS Active
3253
20315312
ns
105
tCLCX
CLKOUTA Low to CAS Inactive
3253
20315312
ns
106
tCHRA
CLKOUTA High to RAS Active
3253
20315312
ns
107
tCLRX
CLKOUTA Low to RAS Inactive
3253
20315312
ns
108
tRP0W
RAS Inactive Pulse Width with 0
Wait States
60
—
50
—
40
—
30
—
ns
109
tRP1W
RAS Inactive Pulse Width with 1 or
More Wait States
70
—
60
—
50
—
40
—
ns
110
tRD0W
RAS To Column Address Delay
Time with 0 Wait States
25
—
20
—
15
—
15
—
ns
111
tRD1W
RAS to Column Address Delay
Time with 1 or More Wait States
30
—
25
—
20
—
15
—
ns
Wait States
012
3
40 MHz
90
110
130
150
33 MHz
110
130
150
170
25 MHz
130
150
170
190
20 MHz
150
170
190
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com