Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD144RI Datasheet(PDF) 5 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 5 Page - Analog Devices

  ADPD144RI Datasheet HTML 1Page - Analog Devices ADPD144RI Datasheet HTML 2Page - Analog Devices ADPD144RI Datasheet HTML 3Page - Analog Devices ADPD144RI Datasheet HTML 4Page - Analog Devices ADPD144RI Datasheet HTML 5Page - Analog Devices ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 5 of 34
I2C TIMING SPECIFICATIONS
Table 4.
Parameter1, 2
Description
Min
Typ
Max
Unit
fSCL
SCL frequency
400
kHz
t1
SCL minimum pulse width high
600
ns
t2
SCL minimum pulse width low
1300
ns
t3
Start condition hold time
600
ns
t4
Start condition setup time
600
ns
t5
SDA setup time
100
ns
t6
SCL and SDA rise time
1000
ns
t7
SCL and SDA fall time
300
ns
t8
Stop condition setup time
600
ns
1
Guaranteed by design.
2
See Figure 2.
Timing Diagram
SDA
SCL
t3
t6
t1
t5
t2
t7
t3
t4
t8
Figure 2. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com