| Electronic Components Datasheet Search |
|
TMS320DM643 Datasheet(PDF) 152 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 Datasheet(HTML) 152 Page - Texas Instruments |
|
152 / 160 page ![]() www.ti.com 6 Revision History TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 This data sheet revision history highlights the technical changes made to the SPRS269 device-specific data sheet to make it an SPRS269A revision. Scope: Applicable updates to the C64x device family, specifically relating to the TMS320DM643 device, have been incorporated. Added the device-specific information supporting the TMS320DM643 silicon revision 1.2 device, which is now in the production data (PD) stage of development (see ADDS/CHANGES/DELETES). Added the "ZNZ" mechanical package information. Continued incorporation of new format/outline structure. Updated/corrected device-specific information for clarity. SEE ADDS/CHANGES/DELETES Global change: Added the "ZNZ" mechanical package information. Table 2-4, Terminal Functions: RSV00–RSV06: Updated/Changed the "RESERVED FOR TEST" DESCRIPTION column from "Reserved (leave unconnected, connect to power or ground)" to "Reserved (leave unconnected, do not connect to power or ground)" RSV11–RSV23: Updated/Changed the "ADDITIONAL RESERVED FOR TEST" DESCRIPTION column from "Reserved (leave unconnected, connect to power or ground)" to "Reserved (leave unconnected, do not connect to power or ground)" Section 2.6.2.1, Device and Development-Support Tool Nomenclature: Updated "The ZDK package, like the GDK package, is ..." paragraph Figure 2-15, TMS320DM64x™ DSP Device Nomenclature (Including the TMS320DM643 Device): Updated figure and associated footnotes Table 3-5, PCFGLOCK Register Selection Bit Descriptions - Read Accesses: Updated/Changed the LOCKSTAT description to "1 = Locked, write accesses to the PERCFG register do not modify the register state [default]." Section 3.5, Multiplexed Pin Configurations: Updated/Changed the sentence in the "Multiplexed pins are pins that ..." paragraph from "... Those muxed pins that are configured by software should be programmed to switch functionalities during run-time. ..." to "... Those muxed pins that are configured by software should not be programmed to switch functionalities during run-time. ..." Figure 5-7, PWRD Field of the CSR Register: Updated footnote Section 7.2, Packaging Information: Added "and addendum" to the "The following packaging information .." paragraph 152 Revision History |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |