Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD243C Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD243C
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD243C Datasheet(HTML) 2 Page - ON Semiconductor

  BD243C Datasheet HTML 1Page - ON Semiconductor BD243C Datasheet HTML 2Page - ON Semiconductor BD243C Datasheet HTML 3Page - ON Semiconductor BD243C Datasheet HTML 4Page - ON Semiconductor BD243C Datasheet HTML 5Page - ON Semiconductor BD243C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD243B BD243C BD244B BD244C
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
BD243B, BD244B
BD243C, BD244C
VCEO(sus)
80
100
Vdc
(IC = 30 mAdc, IB = 0)
BD243B, BD244B
BD243C, BD244C
80
100
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
BD243B, BD243C, BD244B, BD244C
ICEO
0.7
mAdc
Collector Cutoff Current
(VCE = 80 Vdc, VEB = 0)
BD243B, BD244B
(VCE = 100 Vdc, VEB = 0)
BD243C, BD244C
ICES
400
400
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 0.3 Adc, VCE = 4.0 Vdc)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
30
15
Collector–Emitter Saturation Voltage
(IC = 6.0 Adc, IB = 1.0 Adc)
VCE(sat)
1.5
Vdc
Base–Emitter On Voltage
(IC = 6.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
MHz
Small–Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
(1) Pulse Test: Pulsewidth
v 300 µs, Duty Cycle v 2.0%.
(2) fT = hfe • ftest
Figure 2. Switching Time Test Circuit
2.0
0.06
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.1
0.07
0.02
0.1
0.2
0.4
0.6
2.0
6.0
td @ VBE(off) = 5.0 V
TJ = 25°C
VCC = 30 V
IC/IB = 10
+ 11 V
0
VCC
– 30 V
SCOPE
RB
– 4 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
tr
0.03
0.05
1.0
4.0
D1 MUST BE FAST RECOVERY TYPE eg.
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
µs
– 9.0 V
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com