Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD243C Datasheet(PDF) 4 Page - ON Semiconductor

Part # BD243C
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD243C Datasheet(HTML) 4 Page - ON Semiconductor

  BD243C Datasheet HTML 1Page - ON Semiconductor BD243C Datasheet HTML 2Page - ON Semiconductor BD243C Datasheet HTML 3Page - ON Semiconductor BD243C Datasheet HTML 4Page - ON Semiconductor BD243C Datasheet HTML 5Page - ON Semiconductor BD243C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD243B BD243C BD244B BD244C
4
Motorola Bipolar Power Transistor Device Data
500
0.06
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.1
0.2
0.3 0.4
0.6
1.0
2.0
6.0
100
50
30
10
2.0
0.06
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.2
0.3
0.6
2.0 3.0 4.0
6.0
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
2.0
10
Figure 10. “On” Voltages
IB, BASE CURRENT (mA)
0
20
30
50
100
200 300
500
1000
1.6
1.2
0.8
0.4
IC = 1.0 A
TJ = 25°C
2.5 A
5.0 A
300
70
TJ = 150°C
25
°C
– 55
°C
VCE = 2.0 V
+ 2.5
0.06
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5
1.0
3.0 0.4
0.6
+ 2.0
+ 1.5
+ 0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
θVB FOR VBE
*
θVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ 5.0
103
Figure 12. Collector Cut-Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10–1
10– 2
10– 3
– 0.3 – 0.2 – 0.1
0
+ 0.1 + 0.2 + 0.3
+ 0.4 + 0.5 + 0.6
VCE = 30 V
TJ = 150°C
100
°C
REVERSE
FORWARD
IC = ICES
10M
Figure 13. Effects of Base–Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
1.0M
100k
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
7.0
0.1
1.0
0.4
1.6
1.2
VBE @ VCE = 4.0 V
+ 1.0
2.0
0.1
IC = 2 x ICES
200
20
4.0
+ 25
°C to + 150°C
– 55
°C to + 25°C
+ 25
°C to + 150°C
– 55
°C to + 25°C
25
°C
+ 0.7
10k
1.0k
0.1k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com