Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM9913 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9913
Description  100V Step-Down LED Constant Current Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9913 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9913 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
■ 订购信息
①②
项目
单位
描述
①
封装形式
S
SOP-8
②
卷盘编带
R
正向
L
反向
■ 管脚示意图和功能
管脚
名称
功能
1
VREF
芯片内部输出基准电压1.25V,不需要外接旁路电容。
2
DIM
芯片线性和MPW调光输入端。当该管脚接到地,则芯片处于关闭状态。当芯片接入高于1.2V
或悬空状态,则芯片以100%电流输出。
3
RNTC
芯片温度补偿接入端。
4
GND
接地。
5
DRAIN
芯片内部高压MOSFET源端。
6
CS
电流取样端,通过外接电阻到地来设置芯片的输出电流。
7
TOFF
在该管脚和GND之间接一电阻来设置MOSFET的关断时间,最小关断时间可达510ns,
8
VIN
通过外接一个电阻连到最高100V直流电源上,必须接一个旁路电容。
HM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com