Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM9913 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9913
Description  100V Step-Down LED Constant Current Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9913 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9913 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9913 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■ 功能框图
LDO
Internal
supply
VDD
Vref_cs
S
R
Q
Q
OSC
Driver
TOFF
DRAIN
CS
VIN
VREF
VREF
RNTC
DIM
■ 最大极限参数
Parameter
Symbol
Maximum Rating
Unit
VIN pin voltage to GND
Vin
-0.3
—14
V
CS, RNTC, DIM, TOFF, VREF pin voltage to GND
-0.3
—6
V
GATE pin to GND
VGATE
-0.3
—12
V
VIN pin Input Current Range
IVIN
1
—20
mA
Storage temperature range
TSTG
-40
—150
℃
Operating junction temperature
TJ
-40
—150
℃
ESD Human Model
4000
V
HM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com