Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC05 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC05
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC05 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC05 Datasheet HTML 1Page - Silicon Supplies 54HC05 Datasheet HTML 2Page - Silicon Supplies 54HC05 Datasheet HTML 3Page - Silicon Supplies 54HC05 Datasheet HTML 4Page - Silicon Supplies 54HC05 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC05
Rev 1.0
22/04/19
DC Electrical Characteristics Continued (Voltages Referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIL or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
4.5V
VIN = VIL or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.40
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIL or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.40
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Leakage
Current
ICC
6.0V
VIN = VCC or GND
IOUT = 0µA
1
10
40
µA
Maximum Three-
State Leakage
Current
IOZ
6.0V
Output in high
impedance state,
VIN = VIL or VIL
VOUT=VCC or GND
±0.5
±5
±10
µA
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
90
115
135
4.5V
18
23
27
Maximum Propagation
Delay, Input A or B to
Output Y
(Figure 1,2)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
15
20
23
ns
2.0V
75
95
110
4.5V
15
19
22
Maximum Output
Transition Time,
Any Output
(Figure 1,2)
tTHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
13
16
19
ns
 
LIMITS
5. Not production tested in die form, characterized by chip design and tested in package.
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
Maximum Input
Capacitance
CIN
6.0V
-
10
10
10
pF
Maximum Three-State
Output Capacitance
COUT
6.0V
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance Per Buffer
6
CPD
5.0V
TJ = 25°C,
VEE = 0V
4
pF
Capacitance5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com