Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC05 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC05
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC05 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC05 Datasheet HTML 1Page - Silicon Supplies 54HC05 Datasheet HTML 2Page - Silicon Supplies 54HC05 Datasheet HTML 3Page - Silicon Supplies 54HC05 Datasheet HTML 4Page - Silicon Supplies 54HC05 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
High Speed CMOS Logic – 74HC05
 
Hex Inverter Gate with Open-Drain Outputs in bare die form
Rev 1.0
22/04/19
 
Description
Features:
 
Output Drive Capability: 10 LSTTL Loads*
 
 
 
 
The 74HC05 hex inverter gate is fabricated on a 2.5µm 5V
CMOS process combining high speed LSTTL performance
with CMOS low power. The device contains six
independent inverters with open-drain outputs and perform
the Boolean function Y = Ᾱ . Device outputs can connect
with other open-drain outputs to form active LOW wired-OR
or active HIGH wired-AND logic functions. Open-drain
outputs need pull-up resistors to perform correctly*. Inputs
are compatible with standard CMOS outputs; with pull-up
resistors, they are compatible with LSTTL outputs.  
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
Function compatible with 74LS05
High Noise Immunity CMOS process.
 
 
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
 
1550 (61)
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
 
 
 
For High Reliability versions of this product please see
54HC05
 
 
 
Supply Formats:
 
 
 
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Die Size (Unsawn)
1550 x 1300
µm
 
Assembled into Ceramic Package – On request
61 x 51
mils
Minimum Bond Pad Size
106 x 106
4.17 x 4.17
µm
mils
350 (±20)
Die Thickness
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 54HC05

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC05 SS-54HC05 Datasheet
755Kb / 5P
High Speed CMOS Logic
54HC05 SS-54HC05 Datasheet
633Kb / 5P
High Speed CMOS Logic
Rev 1.0 22/04/19
54HC05 SS-54HC05_V01 Datasheet
633Kb / 5P
High Speed CMOS Logic
Rev 1.0 22/04/19
More results

Similar Description - 54HC05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC373 SS-74HC373 Datasheet
1Mb / 7P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com