Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8551 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 2 Page - Analog Devices

  LT8551 Datasheet HTML 1Page - Analog Devices LT8551 Datasheet HTML 2Page - Analog Devices LT8551 Datasheet HTML 3Page - Analog Devices LT8551 Datasheet HTML 4Page - Analog Devices LT8551 Datasheet HTML 5Page - Analog Devices LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT8551
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
SW1/2/3/4 (Note 5)…………………………………..80V
ISP1/2/3/4, ISN1/2/3/4, ISP, ISN, VIN,
REGIS, REGDRV Voltage (Note 2)......... .–0.3V to 80V
SHDN Voltage………………………………–0.3V to 70V
TGSL Voltage…………………………………–3V to 80V
TGSH Voltage…………………………………–3V to 86V
TG1/2/3/4, BST1/2/3/4, TGSR Voltage ..... . –0.3V to 86V
BG1/2/3/4, RT/MS, SYNC, PHS1/2/3, CLK1/2,
REGSNS, IAMPP, ILIM, BGSH, BGBUF, TGBUF,
ENOUT, MODE, VCC, REG, (BST–SW)1/2/3/4,
(TG–SW)1/2/3/4, (VIN–REGDRV),
(TGSR–TGSL), (TGSH–TGSL) Voltage .. –0.3V to 6.0V
IAMPN Voltage…………………………… –0.6V to 0.6V
(ISP–ISN)1/2/3/4, (ISP–ISN) Voltage …... –0.3V to 0.3V
Operating Junction Temperature Range (Note 3)
LT8551E............................................. –40°C to 125°C
LT8551I.............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
16
15
17 18 19
TOP VIEW
53
GND
UKG PACKAGE
52-LEAD (7mm × 8mm) PLASTIC QFN
TJMAX = 125°C, θJA = 31°C/W, θJC = 2°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
20 21 22 23 24 25 26
51
52
50 49 48 47 46 45 44 43 42 41
33
34
35
36
37
38
39
40
8
7
6
5
4
3
2
1
BG4
BG3
REG
SW3
TG3
BST3
BST2
TG2
SW2
BG2
BG1
BGBUF
TGBUF
BST1
REGSNS
ISP4
ISN4
ISP2
ISN2
ISP
ISN
IAMPP
IAMPN
SHDN
MODE
VCC
ENOUT
ILIM
32
31
30
29
28
27
9
10
11
12
13
14
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8551EUKG#PBF
LT8551EUKG#TRPBF
8551
52-Pin (7mm × 8mm) Plastic QFN
–40°C to 125°C
LT8551IUKG#PBF
LT8551IUKG#TRPBF
8551
52-Pin (7mm × 8mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com