Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8551 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 3 Page - Analog Devices

  LT8551 Datasheet HTML 1Page - Analog Devices LT8551 Datasheet HTML 2Page - Analog Devices LT8551 Datasheet HTML 3Page - Analog Devices LT8551 Datasheet HTML 4Page - Analog Devices LT8551 Datasheet HTML 5Page - Analog Devices LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT8551
3
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range
For Min Spec, VCC, REG = 0V
l
3.6
80
V
VIN Quiescent Current
REG = VCC = 5V, REGDRV, REGIS Floating
800
µA
VIN Quiescent Current in Shutdown
2
µA
VCC Quiescent Current
Not Switching
5
mA
VCC Undervoltage Lockout
VCC Falling, REG = VCC
l
3.3
3.55
3.8
V
VCC Undervoltage Lockout Hysteresis
REG = VCC
0.1
V
SHDN Input Voltage High
SHDN Falling
l
1.05
1.15
1.25
V
SHDN Input Voltage High Hysteresis
60
mV
SHDN Input Voltage Low
Device Disabled, Low Quiescent Current, VCC = REG = 3V
l
0.3
V
SHDN Pin Bias Current
VSHDN = 3V
VSHDN = 12V
0
8.5
1
20
µA
µA
MODE Low Falling Threshold
Slave LT8551
l
0.5
V
MODE High Rising Threshold
Slave LT8551
l
4.5
V
MODE Output Voltage Low
Master LT8551, 200µA into MODE pin
50
mV
MODE Output Voltage High
Master LT8551, 20µA out of MODE pin
4.8
V
MODE Pin Impedance in Middle State
Master LT8551
9
kΩ
ENOUT Output Voltage Low
Master LT8551, 1mA into ENOUT Pin, VCC, REG in UVLO
60
mV
ENOUT Leakage Current
ENOUT = 5V, REG = VCC = 3V
0.2
1
µA
ENOUT Rising Threshold
2.1
V
ENOUT Threshold Hysteresis
0.4
V
Current Sensing
Maximum Positive Current Sense Voltage,
(ISPn –ISNn)
ILIM = 0V, ISNn = 12V, ISPn Rising
ILIM = REG, ISNn = 12V, ISPn Rising
ILIM = Float, ISNn = 12V, ISPn Rising
l
l
l
27.0
56
84.5
30
60
90
32.5
64
95.5
mV
mV
mV
Maximum Negative Current Sense
Voltage, (ISNn –ISPn)
ILIM = 0V, ISNn = 12V, ISPn Falling
ILIM = REG, ISNn = 12V, ISPn Falling
ILIM = Float, ISNn = 12V, ISPn Falling
l
l
l
26.5
55.5
84
30
60
90
33
64.5
96
mV
mV
mV
ISP, ISN Common Mode Operating
Voltage Range
l
0
80
V
ISPn, ISNn Common Mode Operating
Voltage Range
l
0
80
V
ILIM High Rising Threshold
l
4.65
V
ILIM High Threshold Hysteresis
90
mV
ILIM Low Falling Threshold
l
0.3
V
ILIM Low Threshold Hysteresis
80
mV
ILIM Impedance at Floating
11
kΩ
IAMPP Output Voltage
(ISP–ISN) = 30mV, ILIM = 0V, Master LT8551, ISP = 12V
(ISP–ISN) = 0mV, ILIM = 0V, Master LT8551, ISP = 12V
(ISP–ISN) = –30mV, ILIM = 0V, Master LT8551, ISP = 12V
(ISP–ISN) = 60mV, ILIM = REG, Master LT8551, ISP = 12V
(ISP–ISN) = 0mV, ILIM = REG, Master LT8551, ISP = 12V
(ISP–ISN) = –60mV, ILIM = REG, Master LT8551, ISP = 12V
(ISP–ISN) = 90mV, ILIM = Float, Master LT8551, ISP = 12V
(ISP–ISN) = 0mV, ILIM = Float, Master LT8551, ISP = 12V
(ISP–ISN) = –90mV, ILIM = Float, Master LT8551, ISP = 12V
l
l
l
l
l
l
l
l
l
2.33
1.33
0.33
2.33
1.35
0.34
2.33
1.35
0.34
2.4
1.4
0.4
2.4
1.4
0.4
2.4
1.4
0.4
2.47
1.47
0.47
2.47
1.45
0.46
2.47
1.45
0.46
V
V
V
V
V
V
V
V
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, REG = 5V, VCC = 5V, SHDN = High, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com