Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3M0004 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3M0004
Description  MIL-DTL-17 BNC Male to N Female Bulkhead Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0004 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3M0004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
SAE AS22520
Crimping Tools, Wire Termination, General Specification For
Material Specifications
Component
Specification
Cable
M17/60-RG142 in accordance with MIL-DTL-17
Connector 1
M39012/16-0014 in accordance with MIL-PRF-39012
Connector 2
M39012/03-0503 in accordance with MIL-PRF-39012
Heat Shrink 1
M23053/5-106-0 in accordance with SAEAS23053
Heat Shrink 2
M23053/5-106-0 in accordance with SAEAS23053
Solder
SN63 in accordance with J-STD-006
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.6:1
Velocity of Propagation
69.5
%
Capacitance
29.3 [96.13]
pF/ft [pF/m]
Dielectric Withstanding Voltage (AC)
1,500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.4
1
3
4
GHz
Insertion Loss (Max.)
0.044
0.093
0.153
0.293
0.35
dB/ft
0.14
0.31
0.5
0.96
1.15
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as 0.1dB per connector.
Mechanical Specifications
Cable Assembly
Description
Minimum
Typical
Maximum
Units
Cable Outer Diameter
0.19
0.195
0.2
in
Weight
0.21 [95.25]
lbs [g]
.
PE3M0004 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to N Female Bulkhead Cable Using M17/60-RG142 Coax PE3M0004
RF Cable Assemblies Technical Data Sheet
PE3M0004
MIL-DTL-17 BNC Male to N Female Bulkhead
Cable Using M17/60-RG142 Coax



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com