Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3M0004 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3M0004
Description  MIL-DTL-17 BNC Male to N Female Bulkhead Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0004 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3M0004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0004 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
How to Order
Part Number Configuration:
PE3M0004
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3M0004-12 = 12 inches long cable
PE3M0004-100cm = 100 cm long cable
MIL-DTL-17 BNC Male to N Female Bulkhead Cable Using M17/60-RG142 Coax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to N Female Bulkhead Cable Using M17/60-RG142 Coax PE3M0004
URL:
https://www.pasternack.com/bnc-male-n-female-m17-60-rg142-cable-assembly-pe3m0004-p.aspx
PE3M0004 REV 1.1
RF Cable Assemblies Technical Data Sheet
MIL-DTL-17 BNC Male to N Female Bulkhead
Cable Using M17/60-RG142 Coax
PE3M0004



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com