Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC13N80C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXKC13N80C
Description  CoolMOS Power MOSFET ISOPLUS220
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC13N80C Datasheet(HTML) 2 Page - IXYS Corporation

  IXKC13N80C Datasheet HTML 1Page - IXYS Corporation IXKC13N80C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072 4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
Q
g(on)
83
nC
Q
gs
V
GS
= 10 V, V
DS = 640 V, ID = 17 A
9
nC
Q
gd
42
nC
t
d(on)
25
ns
t
r
V
GS
= 10 V, V
DS = 640V
15
ns
t
d(off)
I
D = 17 A, RG = 4.7 Ω
75
ns
t
f
10
ns
R
thJC
1.0
K/W
R
thCH
0.30
K/W
Reverse Conduction
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
SD
I
F = 6.5 A, VGS = 0 V
1
1.2
V
Note 3
Note: 1. MOSFET chip capability
2. Intrinsic diode capability
3. Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Note: All terminals are solder plated.
1 - Gate
2 - Drain
3 - Source
ISOPLUS220 OUTLINE
IXKC 13N80C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com