Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GGP50 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C80GGP50
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GGP50 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C80GGP50 Datasheet HTML 1Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 2Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 3Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 4Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 5Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 6Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 7Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 8Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Single-Chip Parallel Multiple
Instruction / Multiple Data (MIMD) DSP
D More Than Two Billion RISC-Equivalent
Operations per Second
D Master Processor (MP)
– 32-Bit Reduced Instruction Set
Computing (RISC) Processor
– IEEE-754 Floating-Point Capability
– 4K-Byte Instruction Cache
– 4K-Byte Data Cache
D Four Parallel Processors (PP)
– 32-Bit Advanced DSPs
– 64-Bit Opcode Provides Many Parallel
Operations per Cycle
– 2K-Byte Instruction Cache and 8K-Byte
Data RAM per PP
D Transfer Controller (TC)
– 64-Bit Data Transfers
– Up to 480M-Byte / s Transfer Rate
– 32-Bit Addressing
– Direct DRAM / VRAM Interface With
Dynamic Bus Sizing
– Intelligent Queuing and Cycle
Prioritization
D Video Controller (VC)
– Provides Video Timing and VRAM
Control
– Dual-Frame Timers for Two Simultaneous
Image-Capture and / or Display Systems
D Big- or Little-Endian Operation
D 50K-Byte On-Chip RAM
D 4G-Byte Address Space
D 16.6-ns Cycle Time
D 3.3-V Operation
D IEEE Standard 1149.1† Test Access Port
(JTAG)
2
9
8
7
6
5
4
3
1
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
AR
AP
AN
AM
AL
AK
AJ
AH
AG
AF
AE
AD
AC
AB
AA
GF PACKAGE
( BOTTOM VIEW )
A
1
3
2
F
E
D
C
K
J
H
G
B
P
N
M
W
V
U
T
R
AC
AB
AA
Y
AF
AE
AD
L
5
64
9
8
7
11
13
12
15
16
14
10
19
18
21
23
22
20
25
26
24
17
GGP PACKAGE
( BOTTOM VIEW )
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† IEEE Standard 1149.1–1990, IEEE Standard Test Access Port and Boundary-Scan Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com