Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GGP50 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320C80GGP50
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GGP50 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C80GGP50 Datasheet HTML 9Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 10Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 11Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 12Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 13Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 14Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 15Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 16Page - Texas Instruments TMS320C80GGP50 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
GGP Terminal Assignments – Alphabetical Listing
TERMINAL
TERMINAL
TERMINAL
TERMINAL
NAME
NO.
NAME
NO.
NAME
NO.
NAME
NO.
A0
D1
CAS / DQM0
A17
D22
AF15
D61
M26
A1
E4
CAS / DQM1
C16
D23
AE15
D62
M25
A2
E2
CAS / DQM2
A16
D24
AC15
D63
M24
A3
E1
CAS / DQM3
C15
D25
AE16
DBEN
D20
A4
F1
CAS / DQM4
B15
D26
AD16
DDIN
B21
A5
G3
CAS / DQM5
C14
D27
AC16
DSF
B20
A6
H4
CAS / DQM6
D13
D28
AE17
EINT1
E23
A7
H3
CAS / DQM7
B12
D29
AF18
EINT2
D26
A8
H1
CBLNK0 / VBLNK0
E25
D30
AD18
EINT3
D25
A9
J3
CBLNK1 / VBLNK1
E24
D31
AC18
EMU0
L26
A10
J1
CLKIN
C12
D32
AE19
EMU1
K25
A11
K3
CLKOUT
C21
D33
AE20
FAULT
C6
A12
K1
CSYNC0 / HBLNK0
F26
D34
AD20
FCLK0
D22
A13
L2
CSYNC1 / HBLNK1
F24
D35
AC20
FCLK1
A19
A14
M4
CT0
D8
D36
AE21
HACK
B9
A15
M2
CT1
A7
D37
AC21
HREQ
C9
A16
N2
CT2
D15
D38
AF22
HSYNC0
J23
A17
R2
D0
AC4
D39
AE22
HSYNC1
H23
A18
R3
D1
AE4
D40
AC22
LINT4
D24
A19
T1
D2
AF4
D41
AD23
PS0
A8
A20
T4
D3
AC5
D42
AC23
PS1
B8
A21
U3
D4
AE5
D43
AC24
PS2
C8
A22
V1
D5
AD6
D44
AB24
PS3
M3
A23
V2
D6
AE6
D45
AA23
RAS
B18
A24
W1
D7
AF6
D46
AA24
READY
B6
A25
Y1
D8
AE7
D47
AA25
REQ0
D11
A26
Y2
D9
AC8
D48
Y24
REQ1
D10
A27
Y3
D10
AD8
D49
W23
RESET
D9
A28
AA3
D11
AE8
D50
W24
RETRY
A6
A29
AB2
D12
AC9
D51
W25
RL
B17
A30
AB3
D13
AE9
D52
V23
SCLK0
B23
A31
AC1
D14
AF9
D53
V26
SCLK1
B22
AS0
D6
D15
AE10
D54
U24
STATUS0
C5
AS1
A5
D16
AC11
D55
U26
STATUS1
A4
AS2
B5
D17
AF11
D56
T25
STATUS2
B4
BS0
B7
D18
AC12
D57
R24
STATUS3
D4
BS1
C7
D19
AD12
D58
R26
STATUS4
D3
CAREA0
D23
D20
AC13
D59
P24
STATUS5
D19
CAREA1
D21
D21
AD14
D60
N24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com