Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC244L-P20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC244L-P20-R
Description  OCTAL BUFFER/DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC244L-P20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC244L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74LVC244
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-245.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
Output in high-impedance or
power-off state
-0.5 ~ 6.5
V
Output Voltage
VOUT
Output in high or low state
-0.5 ~ VCC+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-20
69
°C/W
SOP-20
58
°C/W
Junction to Ambient
TSSOP-20
θJA
83
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
3.6
V
Supply Voltage
VCC
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
VCC=1.65V to 1.95V
0.65×VCC
V
VCC=2.3V to 2.7V
1.7
V
High-Level Input Voltage
VIH
VCC=2.7V to 3.6V
2
V
VCC=1.65V to 1.95V
0.35×VCC
V
VCC=2.3V to 2.7V
0.7
V
Low-Level Input Voltage
VIL
VCC=2.7V to 3.6V
0.8
V
VCC=1.65V
-4
mA
VCC=2.3V
-8
mA
VCC=2.7V
-12
mA
High-Level Output Current
IOH
VCC=3V
-24
mA
VCC=1.65V
4
mA
VCC=2.3V
8
mA
VCC=2.7V
12
mA
Low-Level Output Current
IOL
VCC=3V
24
mA
VCC=1.65V to 2.7V
0
20
ns/V
Input Rise and Fall Times
tr / tf
VCC=2.7V to 3.6V
0
10
ns/V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com