Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC244L-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC244L-P20-R
Description  OCTAL BUFFER/DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC244L-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC244L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC244
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-245.E
OCTAL BUFFER/DRIVER WITH
3-STATE OUTPUTS
DESCRIPTION
The UTC U74LVC244 contains two 4-bit line drivers with
separate output-enable ( OE ) inputs. When OE is low, the
device passes data from the A to the Y. When OE is high, the
outputs are in the high-impedance state.
The UTC U74LVC244 can be used in a mixed 3.3V/5V system
environment.
FEATURES
* Operate From 1.65V to 3.6V
* Input Accept Voltages to 5.5V
* Partial-Power-Down Mode Operation
* Max tpd is 5.9ns at 3.3V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC244L-D20-T
U74LVC244G-D20-T
DIP-20
Tube
U74LVC244L-S20-R
U74LVC244G-S20-R
SOP-20
Tape Reel
U74LVC244L-P20-R
U74LVC244G-P20-R
TSSOP-20
Tape Reel
MARKING


Similar Part No. - U74LVC244L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC244L-P20-R UTC-U74LVC244L-P20-R Datasheet
182Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC244L-P20-R UTC-U74LVC244L-P20-R Datasheet
219Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC244L-P20-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240 Datasheet
173Kb / 6P
Octal Bus Buffer/Line Driver
1997 REV 0
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
Octal Buffer/Line Driver
Revised April 2005
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
Octal Buffer/Line Driver
Revised May 2005
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
Octal Buffer/Line Driver
Revised April 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com