Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3545IDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC3545IDRG4
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545IDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC3545IDRG4 Datasheet HTML 4Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 5Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 6Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 7Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 8Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 9Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 10Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 11Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
8
www.ti.com
TYPICAL CHARACTERISTICS
−1
−0.5
0
0.5
1
1.5
0
5000
10000
15000
Code
INTEGRAL NONLINEARITY
−1.5
Figure 4
Figure 5
75
77
79
81
83
85
0
20
40
60
80
100
120
SIGNAL-TO NOISE RATIO
vs
INPUT FREQUENCY
VDD = VREF = 5 V
fi − Input Frequency − kHz
Figure 6
−100
−95
−90
−85
−80
0
20
40
60
80
100
120
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
fi − Input Frequency − kHz
VDD = VREF = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com