Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3545IDRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC3545IDRG4
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545IDRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC3545IDRG4 Datasheet HTML 12Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 13Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 14Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 15Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 16Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 17Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 18Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 19Page - Texas Instruments TLC3545IDRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
16
www.ti.com
PRINCIPLES OF OPERATION
pseudo-differential inputs
The TLC3545 operates in pseudo-differential mode. The inverted input is available on pin 5. The inverted input
can tolerate a maximum input ripple of
±0.2 V. It is normally used for zero-scale offset cancellation or ground
noise rejection.
serial interface
Output data format is binary (unipolar straight binary).
binary
D Zero-Scale Code = 0000h, VAIN = GND
D Full-Scale Code = 3FFFh, VAIN = VREF – 1 LSB
reference voltage
An external reference must be applied via pin 2, VREF. The voltage level applied to this pin establishes the upper
limit of the analog inputs to produce a full-scale reading. The value of VREF, and the analog input should not
exceed the positive supply or be less than GND, consistent with the specified absolute maximum ratings. The
digital output is at full scale when the input signal is equal to or higher than VREF and at zero when the input
signal is equal to or less than GND.
auto-power down and power up
Auto-power down is built into the devices in order to reduce power consumption. The wake-up time is fast
enough to provide power down between each conversion cycle. The power-down state is initiated at the end
of conversion and wakes up on a falling CS edge (or rising FS edge, whichever occurs first, for TLC3541 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com