Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBA06 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMBA06
Description  NPN Multi-Chip General Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBA06 Datasheet(HTML) 2 Page - ON Semiconductor

  FMBA06 Datasheet HTML 1Page - ON Semiconductor FMBA06 Datasheet HTML 2Page - ON Semiconductor FMBA06 Datasheet HTML 3Page - ON Semiconductor FMBA06 Datasheet HTML 4Page - ON Semiconductor FMBA06 Datasheet HTML 5Page - ON Semiconductor FMBA06 Datasheet HTML 6Page - ON Semiconductor FMBA06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4
NPN Multi-Chip General Purpose Amplifier
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
80
V
VCBO
Collector-Base Voltage
80
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
This device is designed for general purpose amplifier applications at collector
currents to 300 mA. Sourced from Process 33.
© 1998 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
FMBA06
Symbol
Characteristic
Max
Units
FMBA06
PD
Total Device Dissipation
Derate above 25
°C
700
5.6
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
180
°C/W
SuperSOT
™-6
Mark: .1G
Dot denotes pin #1
C1
E1
C2
B1
E2
B2
pin #1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com