Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBA06 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMBA06
Description  NPN Multi-Chip General Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBA06 Datasheet(HTML) 3 Page - ON Semiconductor

  FMBA06 Datasheet HTML 1Page - ON Semiconductor FMBA06 Datasheet HTML 2Page - ON Semiconductor FMBA06 Datasheet HTML 3Page - ON Semiconductor FMBA06 Datasheet HTML 4Page - ON Semiconductor FMBA06 Datasheet HTML 5Page - ON Semiconductor FMBA06 Datasheet HTML 6Page - ON Semiconductor FMBA06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
V(BR)CEO
Collector-Emitter Sustaining Voltage*
IC = 1.0 mA, IB = 0
80
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, IC = 0
4.0
V
ICEO
Collector-Cutoff Current
VCE = 60 V, IB = 0
0.1
µA
ICBO
Collector-Cutoff Current
VCB = 80 V, IE = 0
0.1
µA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 10 mA, VCE = 1.0 V
IC = 100 mA, VCE = 1.0 V
100
100
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 100 mA, IB = 10 mA
0.25
V
VBE(on)
Base-Emitter On Voltage
IC = 100 mA, VCE = 1.0 V
1.2
V
SMALL SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 2.0 V,
f = 100 MHz
100
MHz
Spice Model
NPN (Is=8.324f Xti=3 Eg=1.11 Vaf=100 Bf=12.16K Ne=1.368 Ise=73.27f Ikf=.1096 Xtb=1.5 Br=11.1 Nc=2 Isc=0
Ikr=0 Rc=.25 Cjc=18.36p Mjc=.3843 Vjc=.75 Fc=.5 Cje=55.61p Mje=.3834 Vje=.75 Tr=72.15n Tf=516.1p Itf=.5
Vtf=4 Xtf=6 Rb=10)
Typical Characteristics
Typical Pulsed Current Gain
vs Collector Current
0.001
0.01
0.1
50
100
150
200
I
- COLLECTOR CURRENT (A)
- 40 °C
25 °C
C
V
= 1V
CE
125 °C
Collector-Emitt er Saturation
Voltage vs Collect or Curre nt
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
I - COLLECTOR CURRE NT (mA)
C
β = 10
- 40 °C
25 °C
125 °C
NPN Multi-Chip General Purpose Amplifier
(continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com