Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT59L91 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT59L91
Description  Single-Chip E1 Line Interface Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L91 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT59L91 Datasheet HTML 17Page - Exar Corporation XRT59L91 Datasheet HTML 18Page - Exar Corporation XRT59L91 Datasheet HTML 19Page - Exar Corporation XRT59L91 Datasheet HTML 20Page - Exar Corporation XRT59L91 Datasheet HTML 21Page - Exar Corporation XRT59L91 Datasheet HTML 22Page - Exar Corporation XRT59L91 Datasheet HTML 23Page - Exar Corporation XRT59L91 Datasheet HTML 24Page - Exar Corporation XRT59L91 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
XRT59L91
21
Rev. P2.00
Preliminary
RT IP /
RR in g
Rx PO S
Rx p w
Rp d
Rx N E G
Rtr
Rtf
Figure 15. Receive Timing Diagram
APPLICATIONS INFORMATION
Figures 16, 17 and 18, provide example schematics on
how to interface the XRT59L91 device to the line, under
the following conditions:
l
Receiver is Transformer-coupled to a 75W
unbalanced line.
l
Receiver is Transformer-coupled to a 120W
balanced line.
l
Receiver is Capacitive-coupled to a 75W
unbalanced line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com