Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT59L91 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT59L91
Description  Single-Chip E1 Line Interface Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L91 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT59L91 Datasheet HTML 5Page - Exar Corporation XRT59L91 Datasheet HTML 6Page - Exar Corporation XRT59L91 Datasheet HTML 7Page - Exar Corporation XRT59L91 Datasheet HTML 8Page - Exar Corporation XRT59L91 Datasheet HTML 9Page - Exar Corporation XRT59L91 Datasheet HTML 10Page - Exar Corporation XRT59L91 Datasheet HTML 11Page - Exar Corporation XRT59L91 Datasheet HTML 12Page - Exar Corporation XRT59L91 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
XRT59L91
9
Rev. P2.00
Preliminary
TClk
TxP O S
TxNE G
tS U
tHO
Figure 2. Illustration on how the XRT59L91 Device Samples the data on the
TXPOS and TXNEG input pins
In general, if the XRT59L91 device samples a “1” on the
TxPOS input pin, then the “Transmit Section” of the
device will ultimately generate a positive polarity pulse
via the TTIP and TRing output pins (across a 1:2
transformer). Conversely, if the XRT59L91 device
samples a “1” on the “TxNEG” input pin, then the
“Transmit Section” of the device will ultimately generate
a negative polarity pulse via the TTIP and TRing output
pins (across a 1:2 transformer).
1.2.1 Operating the Transmitter in the
“Clockless” Mode
The user can configure the XRT59L91 device to oper-
ate in the “Clockless” mode by doing the following:
l
Not applying a clock signal to the TXClk input,
and either pulling this pin to VDD or letting it float.
l
By applying RZ (Return to Zero) data to the
TxPOS and TxNEG input pins, as illustrated
below.
TxPO S
TxN E G
TxC lk
D a ta
1
1
0
1
1
0
1
Bit
Pe rio d
RZ P u lse wid th
should conform to
G .703 T e m p la te
N o pulse is to be applie d
in the se cond half of th e
bit perio d
N o A ctivity in
TxC lk L in e
Figure 3. IIlustration on how the Terminal Equipment should apply data to the “Transmit Sec-
tion” of the XRT59L91 Device, when operating in the “Clockless” Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com