Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW25NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW25NM50N
Description  N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW25NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STW25NM50N Datasheet HTML 1Page - STMicroelectronics STW25NM50N Datasheet HTML 2Page - STMicroelectronics STW25NM50N Datasheet HTML 3Page - STMicroelectronics STW25NM50N Datasheet HTML 4Page - STMicroelectronics STW25NM50N Datasheet HTML 5Page - STMicroelectronics STW25NM50N Datasheet HTML 6Page - STMicroelectronics STW25NM50N Datasheet HTML 7Page - STMicroelectronics STW25NM50N Datasheet HTML 8Page - STMicroelectronics STW25NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
October 2005
STP25NM50N - STF25NM50N
STB25NM50N/-1 - STW25NM50N
N-CHANNEL 500V 0.11
Ω - 22 A TO-220/FP/D²/I²PAK/TO-247
SECOND GENERATION MDmesh™ MOSFET
Table 1: General Features
■
HIGH dv/dt AND AVALANCHE CAPABILITIES
■
100% AVALANCHE TESTED
■
LOW INPUT CAPACITANCE AND GATE
CHARGE
■
LOW GATE INPUT RESISTANCE
DESCRIPTION
The STx25NM50N is realized with the second
generation of MDmesh Technology. This revolu-
tionary MOSFET associates a new vertical struc-
ture to the Company's strip layout to yield one of
the world's lowest on-resistance and gate charge.
It is therefore suitable for the most demanding high
efficiency converters
APPLICATIONS
The MDmesh™ II family is very suitable for in-
creasing power density of high voltage converters
allowing system miniaturization and higher effi-
ciencies.
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS (@TjMAX)
ID
RDS(on)
STB25NM50N-1
STF25NM50N
STP25NM50N
STW25NM50N
STB25NM50N
550V
550V
550V
550V
550V
22 A
22 A(*)
22 A
22 A
22 A
0.140
Ω
0.140
Ω
0.140
Ω
0.140
Ω
0.140
Ω
1
2
3
1
2
3
TO-220
TO-247
1
2
3
I²PAK
1
2
3
TO-220FP
1
3
D²PAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP25NM50N
P25NM50N
TO-220
TUBE
STF25NM50N
F25NM50N
TO-220FP
TUBE
STB25NM50N-1
B25NM50N
I²PAK
TUBE
STW25NM50N
W25NM50N
TO-247
TUBE
STB25NM50N
B25NM50N
D²PAK
TAPE & REEL
Rev. 9


Similar Part No. - STW25NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
514Kb / 18P
N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
616Kb / 18P
N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
17-Nov-2008
logo
Inchange Semiconductor ...
STW25NM50N ISC-STW25NM50N Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW25NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
08-Jun-2005
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
26-Oct-2005
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
N-channel 500V - 0.29Ω - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh™Power MOSFET
14-Nov-2006
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
23-Apr-2007
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
08-May-2007
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
10-Apr-2007
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
N-channel 500V - 0.15Ω - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STB25NM50N STMICROELECTRONICS-STB25NM50N_07 Datasheet
514Kb / 18P
N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
10-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com