Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW25NM50N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW25NM50N
Description  N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW25NM50N Datasheet(HTML) 4 Page - STMicroelectronics

  STW25NM50N Datasheet HTML 1Page - STMicroelectronics STW25NM50N Datasheet HTML 2Page - STMicroelectronics STW25NM50N Datasheet HTML 3Page - STMicroelectronics STW25NM50N Datasheet HTML 4Page - STMicroelectronics STW25NM50N Datasheet HTML 5Page - STMicroelectronics STW25NM50N Datasheet HTML 6Page - STMicroelectronics STW25NM50N Datasheet HTML 7Page - STMicroelectronics STW25NM50N Datasheet HTML 8Page - STMicroelectronics STW25NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
STP25NM50N - STF25NM50N - STB25NM50N/-1 - STW25NM50N
4/16
Figure 3: Safe Operating Area For TO-220/
I²PAK/D²PAK
Figure 4: Safe Operating Area For TO-220FP
Figure 5: Safe Operating Area For TO-247
Figure 6: Thermal Impedance TO-220/I²PAK/
D²PAK
Figure 7: Thermal Impedance For TO-220FP
Figure 8: Thermal Impedance For TO-247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com