Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV34063 Datasheet(PDF) 2 Page - Avic Technology

Part # AV34063
Description  1.5A,Step-Up/Down Inverting Switching Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV34063 Datasheet(HTML) 2 Page - Avic Technology

  AV34063 Datasheet HTML 1Page - Avic Technology AV34063 Datasheet HTML 2Page - Avic Technology AV34063 Datasheet HTML 3Page - Avic Technology AV34063 Datasheet HTML 4Page - Avic Technology AV34063 Datasheet HTML 5Page - Avic Technology AV34063 Datasheet HTML 6Page - Avic Technology AV34063 Datasheet HTML 7Page - Avic Technology AV34063 Datasheet HTML 8Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
@vic
AV34063
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
MAXIMUM RATING
Characteristic
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Comparator Input Voltage Range
VIR
-0.3 to +40
Switch Collector Voltage
VC(switch)
40
Switch Emitter Voltage (VPIN1=40V)
VE(switch)
40
Switch Collector toEmitter Voltage
VCE(switch)
40
Driver Collector Voltage
VC(driver)
40
V
Driver Collector Current (Note1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Charcteristics
Plastic Package TA =25
Thermal Resistance
SOIC Package TA =25
Thermal Resistance
PD
RθJA
PD
RθJA
1.25
100
0.625
100
W
/
W
W
/
W
Operating Juncton Temperature
TJ
+150
Operating Ambient Temperature Range
TA
0 to +70
Storage Temperature Range
Tstg
-60~150
Notes: 1. Maximum package power dissipation limits must be observed.
2.ESD data available upon request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com