Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV34063 Datasheet(PDF) 3 Page - Avic Technology

Part # AV34063
Description  1.5A,Step-Up/Down Inverting Switching Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV34063 Datasheet(HTML) 3 Page - Avic Technology

  AV34063 Datasheet HTML 1Page - Avic Technology AV34063 Datasheet HTML 2Page - Avic Technology AV34063 Datasheet HTML 3Page - Avic Technology AV34063 Datasheet HTML 4Page - Avic Technology AV34063 Datasheet HTML 5Page - Avic Technology AV34063 Datasheet HTML 6Page - Avic Technology AV34063 Datasheet HTML 7Page - Avic Technology AV34063 Datasheet HTML 8Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
@vic
AV34063
Copyright © Avic Electronics Corp.
3
Website: http://www.avictek.com
ELECTRICAL CHARACTETRISTICS
(VCC=5.0V,TA=Tlow to Thigh [Note1],unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency(Vpin5=0V, CT =1.0nF, TA =25 )
FOSC
24
33
42
KHz
Charge Current (VCC=5.0V to 40V, TA =25 )
Ichg
24
35
42
µ
A
Discharge Current (VCC=5.0V to 40V, TA =25 )
Idischg
140
220
260
µ
A
Discharge to Charge Current Ratio (Pin 7 to VCC, TA =25 )
Idischg/ Ichg
5.2
6.5
7.5
-
Current Limit Sense Voltage (Ichg= Idischg, TA =25 )
Vipk(sence)
250
300
350
mV
OUTPUT SWITCH (NOTE 2)
Saturation Voltage, Darlington Connection (Note 3)
(ISW =1.0A, Pins 1,8 connected)
VCE(sat)
-
1.0
1.3
V
Saturation Voltage, Darlington Connection
(ISW =1.0A, Rpin8 =82Ω to VCC, Forced β≈20)
VCE(sat)
-
0.45
0.7
V
DC Current Gain (ISW =1.0A, VCE=5.0V, TA =25 )
HEF
50
75
-
-
Collector Off-State Current (
VCE=40V)
IC(Off)
-
0.01
100
µ
A
COMPARATOR
Threshold Voltage
(TA =25 )
(TA = Tlow to Thigh)
Vth
1.238
1.225
1.25
-
1.262
1.275
V
Threshold Voltage Line Regulation (VCC=3.0V to 40V)
Regline
-
1.4
5.0
mV
Input Bias Current (Vin=0V)
IIB
-
-20
-400
nA
TOTAL DEVICE
Supply Current ((VCC=5.0V to 40V, CT =1.0nF, (Pin 7 to
VCC, (Pin 5> Vth, (Pin 2=Gnd, remaining pins open)
ICC
-
-
4.0
mA
Notes: 1. Tlow =0
Thigh =+70
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close
to ambient temperature as possible.
3. If the output switch is driven into hard saturation (non-Darlington) at low switch current
(≤300mA) and high driver currents (≥30mA),it may take up to 2.0 µs for it to come out of
saturation. This condition will shorten the off time at frequencies ≥30KHz, and is magnified at
high temperature. This condition does not occur with a Darlington configuration, since the
output switch cannot saturate. If a non-Darlington configuration is used, the following output
drive condition is recommended :
Forced β of output switch : ( IC output/( IC driver - 7.0mA) ≥10 )
*The 100Ω resister in the emitter of the driver device requires about 7.0mA before the output
switch conducts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com