Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1654879 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1654879
Description  FO connectors - VS-SCRJ-POF-FA-IP20
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1654879 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1654879 Datasheet HTML 1Page - PHOENIX CONTACT 1654879 Datasheet HTML 2Page - PHOENIX CONTACT 1654879 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1654879
03/19/2019   Page 1 / 3
FO connectors - VS-SCRJ-POF-FA-IP20 - 1654879
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
SC-RJ fiber optic connector, IP20, duplex, with fast connection technology, for polymer fiber 980/1000 µm, for
individual wire diameter 2.2 mm
SC-RJ
Product Description
SC-RJ fiber optic connector, IP20, duplex, with fast connection technology, for polymer fiber 980/1000 µm, for individual wire diameter 2.2 mm
Your advantages
 For quick and easy field assembly
 No bonding or polishing
 Reusable connectors
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356028844
Technical data
Mechanical characteristics
Number of positions
2
Connection profile
SCRJ in acc. with IEC 61754-24
Fiber type
POF fiber A4A
Ferrule diameter
2.50 mm
Insertion/withdrawal cycles
≥ 500
Connection method
Quick connection
Color
black
Screw thread
ja
Wire diameter
2.2 mm
Degree of protection
IP20
Type
SC-RJ


Similar Part No. - 1654879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1654811 PHOENIX-1654811 Datasheet
73Kb / 4P
D-SUB contact insert - VS-15-BU-DSUB-LH-B
1654824 PHOENIX-1654824 Datasheet
72Kb / 4P
D-SUB contact insert - VS-25-ST-DSUB-LH-B
1654837 PHOENIX-1654837 Datasheet
78Kb / 4P
D-SUB contact insert - VS-25-BU-DSUB-LH-B
1654840 PHOENIX-1654840 Datasheet
67Kb / 3P
D-SUB panel mounting frames - VS-09-A-GC-BLANK
1654853 PHOENIX-1654853 Datasheet
105Kb / 6P
Patch cable - VS-04-2X2X26C7/7-SDA/SDB/1,0
09/11/2020
More results

Similar Description - 1654879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404087 PHOENIX-1404087 Datasheet
70Kb / 3P
FO plug connectors - VS-SCRJ-HCS-FA-IP20-PN
1654866 PHOENIX-1654866 Datasheet
63Kb / 3P
FO connectors - VS-SCRJ-HCS-FA-IP20
1657009 PHOENIX-1657009 Datasheet
75Kb / 3P
FO connectors - VS-SCRJ-POF-FA-IP67
1657012 PHOENIX-1657012 Datasheet
74Kb / 3P
FO connectors - VS-SCRJ-HCS-FA-IP67
1657070 PHOENIX-1657070 Datasheet
57Kb / 3P
FO connectors - VS-SCRJ-GOF-FA-IP20
1657083 PHOENIX-1657083 Datasheet
70Kb / 4P
FO connectors - VS-SCRJ-GOF-FA-IP67
1657850 PHOENIX-1657850 Datasheet
73Kb / 5P
FO connectors - VS-PPC-C1-SCRJ-POBK-PG9-A4D-C
1658529 PHOENIX-1658529 Datasheet
58Kb / 4P
FO connectors - VS-SCDU-GOF-FA-IP20
2708656 PHOENIX-2708656 Datasheet
45Kb / 2P
FO connectors - PSM-SET-SCRJ-DUP/2-POF
1657106 PHOENIX-1657106 Datasheet
76Kb / 4P
FO connecting cable - VS-PC-2X-POF-980-SCRJ/FSMA-1
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com