Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1654879 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1654879
Description  FO connectors - VS-SCRJ-POF-FA-IP20
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1654879 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1654879 Datasheet HTML 1Page - PHOENIX CONTACT 1654879 Datasheet HTML 2Page - PHOENIX CONTACT 1654879 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1654879
03/19/2019   Page 2 / 3
FO connectors - VS-SCRJ-POF-FA-IP20 - 1654879
Technical data
Mechanical characteristics
Note
This product corresponds to the PROFINET Cabling and Interconnection
Technology Guideline for PROFINET regulations, version 2.00, order no:
2.252, Chapter 8.3 Connectors for inside environment (optical fibre)
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C
Degree of protection
IP20
Material data
Flammability rating according to UL 94
V0
Housing material
PBT
Material
Plastic
Ferrule material
Copper alloy
Ferrule holder color
blue
Height
11 mm
Optical characteristics
Attenuation
≤ 1.5 dB (Insertion attenuation)
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
Tx
Rx
Dimensional drawing
11
25
84,3
SC-RJ connector IP20
Approvals
Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com