Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1789821 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1789821
Description  Connector - PV-C1F-S 2,5-6 ()
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789821 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1789821 Datasheet HTML 1Page - PHOENIX CONTACT 1789821 Datasheet HTML 2Page - PHOENIX CONTACT 1789821 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1789821
03/19/2019   Page 2 / 3
Connector - PV-C1F-S 2,5-6 (+) - 1789821
Technical data
Material
Color
black
Insulating material
mPPE
Contact material
Cu
Contact surface material
Ag
Flammability rating according to UL 94
V0
Connection data
Connection method
Spring-cage
Connection capacity
2.5 mm² ... 6 mm²
Contact resistance with connected conductor
0.45 mΩ
Stripping length
15 mm
Cable type
PV1-F cables
Standards and Regulations
Halogen-free
yes
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Dimensional drawing
16
15
82
Approvals
Approvals
Approvals
EAC
Ex Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com