Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1789821 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1789821
Description  Connector - PV-C1F-S 2,5-6 ()
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789821 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1789821 Datasheet HTML 1Page - PHOENIX CONTACT 1789821 Datasheet HTML 2Page - PHOENIX CONTACT 1789821 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1789821
03/19/2019   Page 1 / 3
Connector - PV-C1F-S 2,5-6 (+) - 1789821
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Connector, Housing material: PPE, color: black, number of positions: 1, Min. wire
cross section: 2.5 mm², Max. conductor cross section: 6 mm², Rated current: 27 A, Connection method:
Spring-cage, Type of contact: Socket. can only be released using a tool
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356626828
Technical data
Dimensions
External cable diameter
5 mm ... 8 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Socket
Tightening torque nut
2 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N
Pull-out force of cable >= disconnect force
> 330 N
Rated voltage
1500 V
Rated current (2.5 mm²)
27 A
Rated current (4.0 mm²)
40 A
Nominal cross section
6 mm²
Protection class
II


Similar Part No. - 1789821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789805 PHOENIX-1789805 Datasheet
586Kb / 11P
MC 1,5/12-GF-3,5 P14 THR - PCB header
1789834 PHOENIX-1789834 Datasheet
69Kb / 3P
Connector - PV-C1M-S 2,5-6 (-)
More results

Similar Description - 1789821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020775 PHOENIX-1020775 Datasheet
71Kb / 3P
Connector - PV-C4M-S 2,5-6
1020776 PHOENIX-1020776 Datasheet
65Kb / 2P
Connector - PV-C4F-S 2,5-6
1774674 PHOENIX-1774674 Datasheet
73Kb / 4P
Plug-in connector - PV-CF-S 2,5-6 ()
1774687 PHOENIX-1774687 Datasheet
76Kb / 4P
Plug-in connector - PV-CM-S 2,5-6 (-)
1789834 PHOENIX-1789834 Datasheet
69Kb / 3P
Connector - PV-C1M-S 2,5-6 (-)
1790784 PHOENIX-1790784 Datasheet
68Kb / 3P
Connector - PV-CF-S 6-16 ()
1790797 PHOENIX-1790797 Datasheet
69Kb / 3P
Connector - PV-CM-S 6-16 (-)
3044652 PHOENIX-3044652 Datasheet
164Kb / 6P
UTTB 2,5-PV
1284632 PHOENIX-1284632 Datasheet
257Kb / 10P
Connector - PV-C4M-S 6-16 (-)
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com