Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7860 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Figure 1. IIN vs. VIN.
Figure 2. IDD1 vs. VIN.
Figure 3. IDD2 vs. VIN.
Figure 4. Clock Frequency vs. Temperature.
Figure 5. INL (Bits) vs. Temperature
Figure 6. INL (%) vs. Temperature
Figure 7. Offset Change vs. Temperature
Figure 8. VREF Change vs. Temperature
Figure 9. SNR vs. Temperature
VIN - V
-4
-5
-4
1
0
-9
-2
0
-6
6
-2
2
-1
-3
-8
-6
-7
4
VIN - mV
9.0
8.5
-200
10.5
200
8.0
9.5
-40 ˚C
10.0
-400
400
0
25 ˚C
85 ˚C
VIN - mV
8.6
8.2
-200
9.4
200
8.0
8.8
-40 ˚C
9.2
-400
400
0
25 ˚C
85 ˚C
8.4
9.0
TEMPERATURE - ˚C
9.2
-15
10.0
60
8.6
9.4
9.8
-40
85
10
35
8.8
9.0
9.6
VDD1 = 4.5 V
VDD1 = 5.0 V
VDD1 = 5.5 V
TEMPERATURE - ˚C
4
-15
7
60
2
5
VDD1 = 4.5 V
6
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
3
TEMPERATURE - ˚C
0.012
-15
0.02
60
0.006
0.014
VDD1 = 4.5 V
0.016
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
0.008
0.018
0.01
TEMPERATURE - ˚C
-50
-15
150
60
-150
0
VDD1 = 4.5 V
100
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
-100
50
TEMPERATURE - ˚C
0
-15
0.8
60
-0.4
0.2
VDD1 = 4.5 V
0.6
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
-0.2
0.4
TEMPERATURE - ˚C
64
62
-15
68
60
61
65
VDD1 = 4.5 V
67
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
63
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com