Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7860 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-7860 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Agilent HCPL-7860/HCPL-786J
Optically Isolated
Sigma-Delta (
Σ−∆
Σ−∆
Σ−∆
Σ−∆
Σ−∆) Modulator
Data Sheet
Features
••••• 12-bit Linearity
••••• 200 ns Conversion Time (Pre-
Trigger Mode 2 with HCPL-0872)
••••• 12-bit Effective Resolution with 5
µµµµµs Signal Delay (14-bit with 102
µµµµµs) (with HCPL-0872)
••••• Fast 3 µµµµµs Over-Range Detection
(with HCPL-0872)
••••• ± 200 mV Input Range with Single
5 V Supply
••••• 1% Internal Reference Voltage
Matching
••••• Offset Calibration (with HCPL-
0872)
••••• -40°C to +85°C Operating
Temperature Range
••••• 15 kV/µµµµµs Isolation Transient
Immunity
••••• Safety Approval: UL 1577, CSA
and IEC/EN/DIN EN 60747-5-2
Applications
••••• Motor Phase and Rail Current
Sensing
••••• Data Acquisition Systems
••••• Industrial Process Control
••••• Inverter Current Sensing
••••• General Purpose Current Sensing
and Monitoring
Description
The HCPL-7860/HCPL-786J
Optically Isolated Modulator
and HCPL-0872 Digital
Interface IC or digital filter
together form an isolated
programmable two-chip
analog-to-digital converter. The
isolated modulator allows
direct measurement of motor
phase currents in power
inverters.
In operation, the HCPL-7860/
HCPL-786J Isolated Modulator
(optocoupler with 3750 VRMS
dielectric withstand voltage
rating) converts a low-
bandwidth analog input into a
high-speed one-bit data stream
by means of a Sigma-Delta (
Σ−
∆) over-sampling modulator.
This modulation provides for
high noise margins and
excellent immunity against
isolation-mode transients. The
modulator data and on-chip
sampling clock are encoded
and transmitted across the
isolation boundary where they
are recovered and decoded
into separate high-speed clock
and data channels.
A 0.1 µF bypass capacitor must be connected between pins VDD and Ground
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation, which may be induced by ESD.
SPI and QSPI are trademarks of Motorola Corp.
Microwire is a trademark of National Semiconductor Inc.
SIGMA
DELTA
MOD./
ENCODE
DECODE
1
2
3
4
8
7
6
5
Input
Current
HCPL-0872
or
Digital Filter
MCU
or
DSP
HCPL-7860


Similar Part No. - HCPL-7860

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7860 HP-HCPL-7860 Datasheet
346Kb / 28P
Isolated 15-bit A/D Converter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-7860-000E AVAGO-HCPL-7860-000E Datasheet
244Kb / 18P
The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
Optically Isolated Sigma-Delta (S-D) Modulator
More results

Similar Description - HCPL-7860

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com