Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9353A Datasheet (PDF) - Renesas Technology Corp

RV1S9353A Datasheet PDF - Renesas Technology Corp
Part # RV1S9353A
Download  RV1S9353A Download
File Size   1755.12 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Optically Isolated Delta-Sigma Modulator

RV1S9353A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9353A Datasheet PDF - Renesas Technology Corp

Part # RV1S9353A
Download  RV1S9353A Click to download

File Size   1755.12 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Optically Isolated Delta-Sigma Modulator

RV1S9353A Datasheet (HTML) - Renesas Technology Corp


RV1S9353A Product details

DESCRIPTION
The RV1S9353A is an optically isolated Delta – Sigma Modulator that includes high-Accuracy A/D convertor
and converts an analog voltage input into one-bit data stream. The RV1S9353A provides Effective Number
of Bit (ENOB) is 13.8bits (typ) with a Sinc3
digital filter.
The RV1S9353A is designed specifically for high common mode transient immunity (CMR) and high linearity
(nonlinearity). The RV1S9353A is suitable for current sensing and voltage sensing in motor drives.
FEATURES
• Internal Reference Voltage Tolerance (GE = 0.5 % TYP.)
• Effective Number of Bit (ENOB = 13.8 bits TYP.)
• Operating Ambient Temperature (TA = 40 to 110 C)
• Non-linearity (INL = 25 LSB MAX.)
• Input Offset Voltage (VOS = 2 mV MAX.)
• Input Offset Voltage Drift vs. Temperature (dVos/dTA = 2.5 V/C MAX.)
• Output Clock Frequency (fCLK = 10 MHz TYP.)
• High common mode transient immunity (CMR = 15 kV/s MIN.)
• Long creepage distance (8 mm MIN.)
• Embossed tape product: RV1S9353ACCSP-120x#KC0: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. UL1577, Double protection
• CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• DIN EN 60747-5-5 approved (Option)




Similar Part No. - RV1S9353A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9355A RENESAS-RV1S9355A Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120C RENESAS-RV1S9355ACCSP-120C Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120C#KC0 RENESAS-RV1S9355ACCSP-120C#KC0 Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120C#SC0 RENESAS-RV1S9355ACCSP-120C#SC0 Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120V RENESAS-RV1S9355ACCSP-120V Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
More results


Similar Description - RV1S9353A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
Optically Isolated Sigma-Delta Modulator
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com