Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9355A Datasheet (PDF) - Renesas Technology Corp

RV1S9355A Datasheet PDF - Renesas Technology Corp
Part # RV1S9355A
Download  RV1S9355A Download
File Size   533.34 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator

RV1S9355A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9355A Datasheet PDF - Renesas Technology Corp

Part # RV1S9355A
Download  RV1S9355A Click to download

File Size   533.34 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator

RV1S9355A Datasheet (HTML) - Renesas Technology Corp


RV1S9355A Product details

• High SNR (88 dB TYP.)
• Gain Error (GE = ± 0.5 % @25 °C)
• Operating ambient temperature (TA = −40 to 125 °C)
• Non-linearity (INL = ±15 LSB)
• Input offset voltage (VOS = ±1 mV)
• Input offset voltage drift vs. temperature (dVos/dTA = 1.0 μV/°C MAX.)
• Output clock frequency (fMCLK = 20 MHz TYP.)
• High common mode transient immunity (CMTI = 50 kV/μs MIN.)
• Long creepage distance (8 mm MIN.)
• Embossed tape product: RV1S9355ACCSP-120x#KC0: 2 000 pcs/reel
• Pb-free product
• Safety standards
•UL approved: No. UL1577, Double protection
•VDE approved: DIN EN IEC 60747-5-5, DIN EN IEC 62368-1, Reinforced insulation (Option)




Similar Part No. - RV1S9355A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
RV1S9356A RENESAS-RV1S9356A Datasheet
532Kb / 20P
20MHz internal Clock High SNR ΔΣ modulator (Manchester code output)
RV1S9356ACCSP-120C RENESAS-RV1S9356ACCSP-120C Datasheet
532Kb / 20P
20MHz internal Clock High SNR ΔΣ modulator (Manchester code output)
RV1S9356ACCSP-120C#KC0 RENESAS-RV1S9356ACCSP-120C#KC0 Datasheet
532Kb / 20P
20MHz internal Clock High SNR ΔΣ modulator (Manchester code output)
RV1S9356ACCSP-120C#SC0 RENESAS-RV1S9356ACCSP-120C#SC0 Datasheet
532Kb / 20P
20MHz internal Clock High SNR ΔΣ modulator (Manchester code output)
More results


Similar Description - RV1S9355A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970 AVAGO-ACPL-7970 Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com