Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9356A Datasheet (PDF) - Renesas Technology Corp

RV1S9356A Datasheet PDF - Renesas Technology Corp
Part # RV1S9356A
Download  RV1S9356A Download
File Size   532.81 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20MHz internal Clock High SNR ΔΣ modulator (Manchester code output)

RV1S9356A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9356A Datasheet PDF - Renesas Technology Corp

Part # RV1S9356A
Download  RV1S9356A Click to download

File Size   532.81 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20MHz internal Clock High SNR ΔΣ modulator (Manchester code output)

RV1S9356A Datasheet (HTML) - Renesas Technology Corp


RV1S9356A Product details

• IEEE 802.3 compliant Manchester code output
• High SNR (88 dB TYP.)
• Gain Error (GE = ± 0.5 % @25 °C)
• Operating ambient temperature (TA = −40 to 125 °C)
• Non-linearity (INL = ±15 LSB)
• Input offset voltage (VOS = ±1 mV)
• Input offset voltage drift vs. temperature (dVos/dTA = 1.0 μV/°C MAX.)
• Manchester Code Clock Frequency (fMANCLK = 20 MHz TYP.)
• High common mode transient immunity (CMTI = 50 kV/μs MIN.)
• Long creepage distance (8 mm MIN.)
• Embossed tape product: RV1S9356ACCSP-120x#KC0: 2 000 pcs/reel
• Pb-free product
• Safety standards
•UL approved: No. UL1577, Double protection
•VDE approved: DIN EN IEC 60747-5-5, DIN EN IEC 62368-1, Reinforced insulation (Option)




Similar Part No. - RV1S9356A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
RV1S9355A RENESAS-RV1S9355A Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120C RENESAS-RV1S9355ACCSP-120C Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120C#KC0 RENESAS-RV1S9355ACCSP-120C#KC0 Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
RV1S9355ACCSP-120C#SC0 RENESAS-RV1S9355ACCSP-120C#SC0 Datasheet
533Kb / 20P
20MHz Internal Clock High SNR Optically Isolated Delta-Sigma Modulator
Feb. 05, 2025
More results


Similar Description - RV1S9356A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1081L MAXIM-DS1081L Datasheet
174Kb / 5P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 4/07
DS1181L MAXIM-DS1181L Datasheet
158Kb / 5P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 11/07
logo
Texas Instruments
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970 AVAGO-ACPL-7970 Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
ATMEL Corporation
ATAR092 ATMEL-ATAR092_14 Datasheet
1Mb / 107P
Bi-phase-, Manchester- and Pulse-width Modulator and Demodulator
ATAR892 ATMEL-ATAR892_14 Datasheet
1Mb / 107P
Bi-phase-, Manchester- and Pulse-width Modulator and Demodulator
logo
List of Unclassifed Man...
8023A ETC2-8023A Datasheet
893Kb / 14P
MCC Manchester Code Converter
logo
Maxim Integrated Produc...
DS1081L MAXIM-DS1081L_V01 Datasheet
172Kb / 6P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-6013; Rev 1; 10/11
DS1181L MAXIM-DS1181L_V01 Datasheet
543Kb / 6P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-7502; Rev 2; 2/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com