Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB10J Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SMB10J
Description  Transient Voltage Suppression Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMB10J Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SMB10J Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMB10J Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMB10J Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMB10J Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 1000W > SMB10J Series
www.yint.com.cn
Rev:19.3
1
SMB10J Series
Description
The SMB10J series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by
lightning and other transient voltage events.
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junction
●
Available in uni-directional and bi-directional
●
Excellent clamping capability
●
Very fast response time
●
Low incremental surge resistance
●
Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
●
Case: DO-214AA (SMB)
●
1000 W peak pulse power capability with a10/1000 us
waveform, repetitive rate (duty cycle):0.01 %
●
Polarity: For uni-directional types the color band denotes
cathode end, no marking on bi-directional types
Functional Diagram
Applications
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication
Maximum Ratings (TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (T = 1 ms)
PPK
1000
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
100
Amps
Steady State Power Dissipation @ TL = 75 °C
PD
5
Watts
Maximum Instantaneous Forward Voltage @ I PP = 35 A
(For Unidirectional Units Only)
VF
3.5/5.0
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note:
1.
Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
2.
Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
3.
VF<3.5V for devices of VBR<50V.、


Similar Part No. - SMB10J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
1000W Surface Mount Transient Voltage Suppressor
logo
Anova Technologies CO.,...
SMB10J ANOVA-SMB10J Datasheet
251Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMB10J LUGUANG-SMB10J Datasheet
975Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
SMB10J FUTUREWAFER-SMB10J Datasheet
1Mb / 12P
1000W Transient Voltage Suppression Diodes
15-JUL-2021 V 2.1
logo
Vishay Siliconix
SMB10J10 VISHAY-SMB10J10 Datasheet
118Kb / 6P
High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
More results

Similar Description - SMB10J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
20KPA LITTELFUSE-20KPA Datasheet
131Kb / 5P
Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
Transient Voltage Suppression Diodes
8KP YINT-8KP Datasheet
675Kb / 4P
Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com