Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL44F Datasheet(PDF) 1 Page - ON Semiconductor

Part # BUL44F
Description  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL44F Datasheet(HTML) 1 Page - ON Semiconductor

  BUL44F Datasheet HTML 1Page - ON Semiconductor BUL44F Datasheet HTML 2Page - ON Semiconductor BUL44F Datasheet HTML 3Page - ON Semiconductor BUL44F Datasheet HTML 4Page - ON Semiconductor BUL44F Datasheet HTML 5Page - ON Semiconductor BUL44F Datasheet HTML 6Page - ON Semiconductor BUL44F Datasheet HTML 7Page - ON Semiconductor BUL44F Datasheet HTML 8Page - ON Semiconductor BUL44F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE™
NPN Bipolar Power Transistor
For Switching Power Supply Applications
The BUL44/BUL44F have an applications specific state–of–the–art die designed
for use in 220 V line operated Switchmode Power supplies and electronic light
ballasts. These high voltage/high speed transistors offer the following:
• Improved Efficiency Due to Low Base Drive Requirements:
— High and Flat DC Current Gain hFE
— Fast Switching
— No Coil Required in Base Circuit for Turn–Off (No Current Tail)
• Full Characterization at 125°C
• Tight Parametric Distributions are Consistent Lot–to–Lot
• Two Package Choices: Standard TO–220 or Isolated TO–220
• BUL44F, Case 221D, is UL Recognized to 3500 VRMS: File #E69369
MAXIMUM RATINGS
Rating
Symbol
BUL44
BUL44F
Unit
Collector–Emitter Sustaining Voltage
VCEO
400
Vdc
Collector–Emitter Breakdown Voltage
VCES
700
Vdc
Emitter–Base Voltage
VEBO
9.0
Vdc
Collector Current — Continuous
— Peak(1)
IC
ICM
2.0
5.0
Adc
Base Current — Continuous
— Peak(1)
IB
IBM
1.0
2.0
Adc
RMS Isolated Voltage(2)
Test No. 1 Per Fig. 22a
(for 1 sec, R.H. < 30%,
Test No. 2 Per Fig. 22b
TC = 25°C)
Test No. 3 Per Fig. 22c
VISOL
4500
3500
1500
Volts
Total Device Dissipation
(TC = 25°C)
Derate above 25
°C
PD
50
0.4
25
0.2
Watts
W/
°C
Operating and Storage Temperature
TJ, Tstg
– 65 to 150
°C
THERMAL CHARACTERISTICS
Rating
Symbol
BUL44
BUL44F
Unit
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
2.5
62.5
5.0
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes:
1/8
″ from Case for 5 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (IC = 100 mA, L = 25 mH)
VCEO(sus)
400
Vdc
Collector Cutoff Current (VCE = Rated VCEO, IB = 0)
ICEO
100
µAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
(TC = 125°C)
Collector Cutoff Current (VCE = 500 V, VEB = 0)
(TC = 125°C)
ICES
100
500
100
µAdc
Emitter Cutoff Current (VEB = 9.0 Vdc, IC = 0)
IEBO
100
µAdc
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
≤ 10%.
(continued)
(2) Proper strike and creepage distance must be provided.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUL44/D
© Motorola, Inc. 1995
BUL44
BUL44F
POWER TRANSISTOR
2.0 AMPERES
700 VOLTS
40 and 100 WATTS
*Motorola Preferred Device
BUL44
CASE 221A–06
TO–220AB
BUL44F
CASE 221D–02
ISOLATED TO–220 TYPE
UL RECOGNIZED
*
*
REV 1


Similar Part No. - BUL44F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL44F MOTOROLA-BUL44F Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
More results

Similar Description - BUL44F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com