Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL44F Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUL44F
Description  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL44F Datasheet(HTML) 2 Page - ON Semiconductor

  BUL44F Datasheet HTML 1Page - ON Semiconductor BUL44F Datasheet HTML 2Page - ON Semiconductor BUL44F Datasheet HTML 3Page - ON Semiconductor BUL44F Datasheet HTML 4Page - ON Semiconductor BUL44F Datasheet HTML 5Page - ON Semiconductor BUL44F Datasheet HTML 6Page - ON Semiconductor BUL44F Datasheet HTML 7Page - ON Semiconductor BUL44F Datasheet HTML 8Page - ON Semiconductor BUL44F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUL44 BUL44F
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Base–Emitter Saturation Voltage (IC = 0.4 Adc, IB = 40 mAdc)
(IC = 1.0 Adc, IB = 0.2 Adc)
VBE(sat)
0.85
0.92
1.1
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 0.4 Adc, IB = 40 mAdc)
(TC = 125°C)
(IC = 1.0 Adc, IB = 0.2 Adc)
(TC = 125°C)
VCE(sat)
0.20
0.20
0.25
0.25
0.5
0.5
0.6
0.6
Vdc
DC Current Gain
(IC = 0.2 Adc, VCE = 5.0 Vdc)
(TC = 125°C)
(IC = 0.4 Adc, VCE = 1.0 Vdc)
(TC = 125°C)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
(TC = 125°C)
(IC = 10 mAdc, VCE = 5.0 Vdc)
hFE
14
12
12
8.0
7.0
10
32
20
20
14
13
22
34
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
13
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
COB
38
60
pF
Input Capacitance (VEB = 8.0 V)
CIB
380
600
pF
Dynamic Saturation Voltage:
Determined 1.0
µs and
3.0
µs respectively after
rising IB1 reaches 90% of
final IB1
(IC = 0.4 Adc
IB1 = 40 mAdc
VCC = 300 V)
1.0
µs
(TC = 125°C)
VCE(dsat)
2.5
2.7
Vdc
Dynamic Saturation Voltage:
Determined 1.0
µs and
3.0
µs respectively after
rising IB1 reaches 90% of
final IB1
IB1 = 40 mAdc
VCC = 300 V)
3.0
µs
(TC = 125°C)
VCE(dsat)
1.3
1.15
Vdc
3.0
µs respectively after
rising IB1 reaches 90% of
final IB1
(IC = 1.0 Adc
IB1 = 0.2 Adc
VCC = 300 V)
1.0
µs
(TC = 125°C)
VCE(dsat)
3.2
7.5
Vdc
final IB1
IB1 = 0.2 Adc
VCC = 300 V)
3.0
µs
(TC = 125°C)
1.25
1.6
SWITCHING CHARACTERISTICS: Resistive Load (D.C.
≤ 10%, Pulse Width = 20 µs)
Turn–On Time
(IC = 0.4 Adc, IB1 = 40 mAdc
IB2 = 0.2 Adc, VCC = 300 V)
(TC = 125°C)
ton
40
40
100
ns
Turn–Off Time
(IC = 0.4 Adc, IB1 = 40 mAdc
IB2 = 0.2 Adc, VCC = 300 V)
(TC = 125°C)
toff
1.5
2.0
2.5
µs
Turn–On Time
(IC = 1.0 Adc, IB1 = 0.2 Adc
IB1 = 0.5 Adc, VCC = 300 V)
(TC = 125°C)
ton
85
85
150
ns
Turn–Off Time
(IC = 1.0 Adc, IB1 = 0.2 Adc
IB2 = 0.5 Adc, VCC = 300 V)
(TC = 125°C)
toff
1.75
2.10
2.5
µs
SWITCHING CHARACTERISTICS: Inductive Load (Vclamp = 300 V, VCC = 15 V, L = 200 µH)
Fall Time
(IC = 0.4 Adc, IB1 = 40 mAdc
IB2 = 0.2 Adc)
(TC = 125°C)
tfi
125
120
200
ns
Storage Time
(TC = 125°C)
tsi
0.7
0.8
1.25
µs
Crossover Time
(TC = 125°C)
tc
110
110
200
ns
Fall Time
(IC = 1.0 Adc, IB1 = 0.2 Adc
IB2 = 0.5 Adc)
(TC = 125°C)
tfi
110
120
175
ns
Storage Time
(TC = 125°C)
tsi
1.7
2.25
2.75
µs
Crossover Time
(TC = 125°C)
tc
180
210
300
ns
Fall Time
(IC = 0.8 Adc, IB1 = 160 mAdc
IB2 = 160 mAdc)
(TC = 125°C)
tfi
70
180
170
ns
Storage Time
(TC = 125°C)
tsi
2.6
4.2
3.8
µs
Crossover Time
(TC = 125°C)
tc
190
350
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com