Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3901 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S3901
Description  NMOS Linear image sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3901 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S3901 Datasheet HTML 1Page - Hamamatsu Corporation S3901 Datasheet HTML 2Page - Hamamatsu Corporation S3901 Datasheet HTML 3Page - Hamamatsu Corporation S3901 Datasheet HTML 4Page - Hamamatsu Corporation S3901 Datasheet HTML 5Page - Hamamatsu Corporation S3901 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NMOS linear image sensors are self-scanning photodiode arrays designed specifically as detectors for multichannel spectroscopy. The scanning
circuit is made up of N-channel MOS transistors, operates at low power consumption and is easy to handle. Each photodiode has a large active
area, high UV sensitivity yet very low noise, delivering a high S/N even at low light levels. NMOS linear image sensors also offer excellent output
linearity and wide dynamic range.
The photodiodes of S3901 series have a height of 2.5 mm and are arrayed in a row at a spacing of 50 µm. The photodiodes of S3904 series also
have a height of 2.5 mm but are arrayed at a spacing of 25 µm. The photodiodes are available in 3 different pixel quantities for each series: 128
(S3901-128Q), 256 (S3901-256Q, S3904-256Q), 512 (S3901-512Q, S3904-512Q) and 1024 (S3904-1024Q). Quartz glass is the standard window
material.
Features
l Wide active area
Pixel pitch: 50 µm (S3901 series)
25 µm (S3904 series)
Pixel height: 2.5 mm
l High UV sensitivity with good stability
l Low dark current and high saturation charge allow a long
integration time and a wide dynamic range at room temperature
l Excellent output linearity and sensitivity spatial uniformity
l Lower power consumption: 1 mW Max.
l Start pulse and clock pulses are CMOS logic compatible
Applications
l Multichannel spectrophotometry
l Image readout system
IMAGE
SENSOR
NMOS linear image sensor
Current output, high UV sensitivity, excellent linearity, low power consumption
S3901/S3904 series
OXIDATION SILICON
N TYPE SILICON
P TYPE SILICON
S3901 SERIES: a=50 µm, b=45 µm
S3904 SERIES: a=25 µm, b=20 µm
b
a
KMPDC0020EA
Figure 1 Equivalent circuit
Vss
START
st
CLOCK
CLOCK
1
2
ACTIVE
PHOTODIODE
SATURATION
CONTROL GATE
SATURATION
CONTROL DRAIN
DUMMY DIODE
DUMMY VIDEO
ACTIVE VIDEO
END OF SCAN
DEGITAL SHIFT RESISTER
(MOS SHIFT RESISTER)
Figure 2 Active area structure
KMPDA0059EA
s
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Input pulse (φ1, φ2, φst) voltage
Vφ
15
V
Power consumption *1
P
1
mW
Operating temperature *2
Topr
-40 to +65
°C
Storage temperature
Tstg
-40 to +85
°C
*1: Vφ=5.0 V
*2: No dew


Similar Part No. - S3901

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901 Datasheet
245Kb / 6P
NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
S3901 HAMAMATSU-S3901 Datasheet
196Kb / 4P
NMOS linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
117Kb / 4P
NMOS linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
NMOS linear image sensor
More results

Similar Description - S3901

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
NMOS Linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
NMOS linear image sensor
S3901-FX HAMAMATSU-S3901-FX Datasheet
144Kb / 3P
NMOS linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
NMOS linear image sensor
S3901-F HAMAMATSU-S3901-F_15 Datasheet
143Kb / 4P
NMOS linear image sensor
S3902 HAMAMATSU-S3902_15 Datasheet
161Kb / 6P
NMOS linear image sensor
S3921 HAMAMATSU-S3921_15 Datasheet
213Kb / 7P
NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com