Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFA633-RDI-KU Datasheet(PDF) 38 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 38 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 42Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 38
ATX function enable and pulse length settings (command 28 (0x1C): Set ATX Power Switch
Functionality (Pg. 52)).
Baud rate (command 33 (0x21): Set Baud Rate (Pg. 56)).
GPIO settings (command 34 (0x22): Set or Set and Configure GPIO Pins (Pg. 56)).
You cannot store the fan or temperature reporting (although the live display of fans or temperatures can be
saved). You cannot store the fan fail-safe or host watchdog.The host software should enable these items once the
system is initialized and it is ready to receive the data.
type: 0x04 = 410
valid data_length is 0
The return packet will be:
type: 0x40 | 0x04 = 0x44 = 6810
data_length = 0
If the current state and the boot state do not match after saving, the module will return an error instead of an ACK. In
this unlikely error case, the boot state will be undefined.
5 (0x05): Reboot CFA633, Reset Host, or Power Off Host
This command instructs the CFA633 to simulate a power-on restart of itself, reset the host, or turn the host's power off.
The ability to reset the host may be useful to allow certain host operating system configuration changes to complete. The
ability to turn the host's power off under software control may be useful in systems that do not have ACPI compatible
BIOS.
Rebooting the CFA633 may be useful when testing the boot configuration. It may also be useful to re-enumerate the
devices (WR-DOW-Y17 temperature sensors) on the One-Wire bus. To reboot the CFA633, send the following packet:
type: 0x05 = 510
valid data_length is 3
data[0] = 8
data[1] = 18
data[2] = 99
NOTE
The GPIO pins used for ATX control must not be configured as user GPIO, and must be configured to
their default drive mode in order for the ATX functions to work correctly. These settings are factory
default, but may be changed by the user. Please see command 34 (0x22): Set or Set and Configure
GPIO Pins (Pg. 56).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com